Electronic Components Datasheet Search
  English  ▼

X  

SMC24C Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # SMC24C
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

SMC24C Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  SMC24C Datasheet HTML 1Page - Lite-On Technology Corporation SMC24C Datasheet HTML 2Page - Lite-On Technology Corporation SMC24C Datasheet HTML 3Page - Lite-On Technology Corporation SMC24C Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Breakdowm voltage
VBR Volts
Working
PeakReverse
Voltage
Maximum
Reverse
Leakage at
VRWM
Maximum
Reverse Surge
Current
Maximum
Reverse Voltage
at IRSM
(Clamping
Voltage)
(UNI)
(BI)
Min.
Max.
@IT( mA)
VRWM(Volts)
IR (uA)
IRSM(Amps)
VRSM(Volts)
SMC47
SMC47C
FDK
FDM
42.3
51.7
1.0
38.1
5.0
22.12
67.8
SMC47A
SMC47CA
FEK
FEM
44.7
49.4
1.0
40.2
5.0
23.15
64.8
SMC51
SMC45C
FFK
FFM
45.9
56.1
1.0
41.3
5.0
20.41
73.5
SMC51A
SMC45CA
FGK
FGM
48.5
53.6
1.0
43.6
5.0
21.40
70.1
SMC56
SMC56C
FHK
FHM
50.4
61.6
1.0
45.4
5.0
18.63
80.5
SMC56A
SMC56CA
FKK
FKM
53.2
58.8
1.0
47.8
5.0
19.48
77.0
SMC62
SMC62C
FLK
FLM
55.8
68.2
1.0
50.2
5.0
16.85
89.0
SMC62A
SMC62CA
FMK FMM
58.9
65.1
1.0
53.0
5.0
17.65
85.0
SMC68
SMC68C
FNK
FNM
61.2
74.8
1.0
55.1
5.0
15.31
98.0
SMC68A
SMC68CA
FPK
FPM
64.6
71.4
1.0
58.1
5.0
16.30
92.0
SMC75
SMC75C
FQK
FQM
67.5
82.5
1.0
60.7
5.0
13.89
108
SMC75A
SMC75CA
FRK
FRM
71.3
78.8
1.0
64.1
5.0
14.56
103
SMC82
SMC82C
FSK
FSM
73.8
90.2
1.0
66.4
5.0
12.71
118
SMC82A
SMC82CA
FTK
FTM
77.8
86.0
1.0
70.1
5.0
13.27
113
SMC91
SMC91C
FUK
FUM
81.9
100
1.0
73.7
5.0
11.45
131
SMC91A
SMC91CA
FVK
FVM
86.5
95.5
1.0
77.8
5.0
12.00
125
SMC100
SMC100C
FWK FWM
90.0
110
1.0
81.0
5.0
10.42
144
SMC100A
SMC100CA
FXK
FXM
95.0
105
1.0
85.5
5.0
10.95
137
SMC110
SMC110C
FYK
FYM
99.0
121
1.0
89.2
5.0
9.49
158
SMC110A
SMC110CA
FZK
FZM
105
116
1.0
94.0
5.0
9.87
152
SMC120
SMC120C
GDK
GDM
108
132
1.0
97.2
5.0
8.67
173
SMC120A
SMC120CA
GEK
GEM
114
126
1.0
102
5.0
9.09
165
SMC130
SMC130C
GFK
GFM
117
143
1.0
105
5.0
8.02
187
SMC130A
SMC130CA
GGK GGM
124
137
1.0
111
5.0
8.38
179
SMC150
SMC150C
GHK GHM
135
165
1.0
121
5.0
6.98
215
SMC150A
SMC150CA
GKK GKM
143
158
1.0
128
5.0
7.25
207
SMC160
SMC160C
GLK
GLM
144
176
1.0
130
5.0
6.52
230
SMC160A
SMC160CA
GMK GMM
152
168
1.0
136
5.0
6.85
219
SMC170
SMC170C
GNK
GNM
153
187
1.0
138
5.0
6.15
244
SMC170A
SMC170CA
GPK
GPM
162
179
1.0
145
5.0
6.41
234
SMC180
SMC180C
GQK GQM
162
198
1.0
146
5.0
5.81
258
SMC180A
SMC180CA
GRK
GRM
171
189
1.0
154
5.0
6.10
246
SMC200
SMC200C
GSK
GSM
180
220
1.0
162
5.0
5.23
287
SMC200A
SMC200CA
GTK
GTM
190
210
1.0
171
5.0
5.47
274
NOTE :
1) Suffix 'A ' denotes 5% tolerance device,no suffix denotes 10 % tolerance device.
2) Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices.
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .
4) For Uni-directional devices VF max=3.5v at if=35 A ,0.5 sine wave of 8.3 msec .pulse width.
Device
Uni-
directional
Device
Bi-
directional
Device
Marking code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com