Electronic Components Datasheet Search
  English  ▼

X  

88950321 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 88950321
Description  Power supplies for extended voltage input ranges
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

88950321 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  88950321 Datasheet HTML 1Page - List of Unclassifed Manufacturers 88950321 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC converters PS Part number 88950321
Power supplies for extended voltage input ranges
Provide your devices with a constant supply voltage
Primary/secondary isolation
Useful in case of battery use
Part numbers
Specifications
mm
Type
Input
Output
Nominal power
88950321
PS
9,2-36 V DC
24 V DC
6 →10 W
General characteristics
Certifications
CE
CE
Output voltage
12 V DC± 5 %
24 V DC± 5 %
Overvoltage
20 V DC max.
40 V DC max.
Input limits
9,2 →18 V DC (10 W available)
16 →36 V DC (10 W available) 
9,2 →16 V DC (see graph)
Isolation primary / secondary
1500 V DC
1500 V DC
Operating temperature
-
30 →+70 °C
-
30 →+70 °C
Storage temperature (°C)
-
40 →+80 °C
-
40 →+80 °C
Immunity from micro power cuts
At 10 W :
> 1 ms for 9,2 V < U < 12V
> 5 ms for U ≥ 12 V
At 6 W :
> 5 ms for all voltage range
At 10 W : > 1 ms for 16 V < U < 18 V
5 ms for U ≥ 18 V
At 6 W : > 1 ms for U < 12 V
> 5 ms for 12 V ≤ U < 18 V
> 10 ms for U ≥ 18 V
Dimensions (mm)
Curves
Input limits
Unless otherwise specified, the characteristics given are applicable to all or part of the product range selected
02/11/2015
www.crouzet.com


Similar Part No. - 88950321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
88950320 ETC2-88950320 Datasheet
110Kb / 2P
Power supplies for extended voltage input ranges
More results

Similar Description - 88950321

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
202R29N101KV4E JOHANSON-202R29N101KV4E Datasheet
639Kb / 2P
High Voltage MLCCs 250 - 6,000 VDC, EXTENDED CAPACITA NCE RANGEs
logo
List of Unclassifed Man...
88950320 ETC2-88950320 Datasheet
110Kb / 2P
Power supplies for extended voltage input ranges
logo
Wall Industries,Inc.
LANCY WALL-LANCY Datasheet
355Kb / 6P
Wide Input Voltage Ranges
DC100 WALL-DC100 Datasheet
655Kb / 8P
2:1 Wide Input Voltage Ranges
DCHF50W WALL-DCHF50W Datasheet
212Kb / 5P
2:1 Input Voltage Ranges
DCHF60W WALL-DCHF60W Datasheet
180Kb / 4P
2:1 Input Voltage Ranges
DCHF70W WALL-DCHF70W Datasheet
155Kb / 4P
2:1 Input Voltage Ranges
DCQEB75 WALL-DCQEB75 Datasheet
418Kb / 5P
2:1 Input Voltage Ranges
DH40 WALL-DH40 Datasheet
1Mb / 13P
2:1 Wide Input Voltage Ranges
logo
Bel Fuse Inc.
RCM150 BEL-RCM150 Datasheet
3Mb / 18P
2 input voltage ranges, covering all railway batteries
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com