Electronic Components Datasheet Search
  English  ▼

X  

MVDANDL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MVDANDL
Description  Enables an operator to visualize the Millenium 3 Display on a mobile device (smartphone, tablet, PC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MVDANDL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MVDANDL Datasheet HTML 1Page - List of Unclassifed Manufacturers MVDANDL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Millenium 3 Virtual Display Android Part number MVDANDL
Enables an operator to visualize the Millenium 3 Display on a mobile device (smartphone, tablet, PC)
Makes the development and configuration of Millenium 3 applications easy
Allows remote monitoring of an equipment
Makes the display of the Millenium 3 accessible even when the device is out of reach
Available for Millenium 3 controllers with and without display
The connection between the Millenium 3 and the device is made via a Bluetooth® interface or via a USB cable
The Millenium 3 Bluetooth® interface is filtered with its unique MAC address (for the Android version)
Available in a Standard and Lite Version. The Standard Version allows the use of all keys while the Lite Version allows the use of all
keys with the exception of the ESC and OK keys
The Android Lite version (for free) and the Android Standard version (chargeable) can be downloaded on Google play ; the Android
Lite and the Windows XP/7 versions (both for free) can be downloaded on www.crouzet.com.
Part numbers
Specifications
Accessories
Type
Description
MVD-AND-L Android
Millenium 3 Virtual Display Lite
Comments
Type
Description
Code
PA
USB cable 3 m : PC →Millenium 3
88970109
PA
Millenium 3 interface →Bluetooth® (class A 10 m)
88970104
Principles
Principles
Unless otherwise specified, the characteristics given are applicable to all or part of the product range selected
02/11/2015
www.crouzet.com


Similar Part No. - MVDANDL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MVDANDS ETC2-MVDANDS Datasheet
164Kb / 2P
Enables an operator to visualize the Millenium 3 Display on a mobile device (smartphone, tablet, PC)
More results

Similar Description - MVDANDL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
NIHON DEMPA KOGYO
NZ2016SHB NDK-NZ2016SHB Datasheet
835Kb / 2P
For Smartphone and Tablet computer etc
NZ2520SHB NDK-NZ2520SHB Datasheet
816Kb / 2P
For Smartphone and Tablet computer etc.
logo
List of Unclassifed Man...
88950109 ETC2-88950109 Datasheet
117Kb / 2P
Directly compatible with the "Potentiometer" parameter of an analogue input on the Millenium 3
MVDANDS ETC2-MVDANDS Datasheet
164Kb / 2P
Enables an operator to visualize the Millenium 3 Display on a mobile device (smartphone, tablet, PC)
MVDPCWL ETC2-MVDPCWL Datasheet
164Kb / 2P
Enables an operator to visualize the Millenium 3 Display on a mobile device (smartphone, tablet, PC)
MVDPCWS ETC2-MVDPCWS Datasheet
164Kb / 2P
Enables an operator to visualize the Millenium 3 Display on a mobile device (smartphone, tablet, PC)
logo
PHOENIX CONTACT
2701027 PHOENIX-2701027 Datasheet
86Kb / 5P
An operator panel can be integrated in the basic unit or installed remotely on a panel as an option
2701056 PHOENIX-2701056 Datasheet
85Kb / 4P
An operator panel can be integrated in the basic unit or installed remotely on a panel as an option
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com