Electronic Components Datasheet Search
  English  ▼

X  

592W Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 592W
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592W Datasheet(HTML) 2 Page - Vishay Siliconix

  592W Datasheet HTML 1Page - Vishay Siliconix 592W Datasheet HTML 2Page - Vishay Siliconix 592W Datasheet HTML 3Page - Vishay Siliconix 592W Datasheet HTML 4Page - Vishay Siliconix 592W Datasheet HTML 5Page - Vishay Siliconix 592W Datasheet HTML 6Page - Vishay Siliconix 592W Datasheet HTML 7Page - Vishay Siliconix 592W Datasheet HTML 8Page - Vishay Siliconix 592W Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
592W
www.vishay.com
Vishay Sprague
Revision: 12-Apr-16
2
Document Number: 40134
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
6.3 V
8.2 V
10 V
330
C_2.0
470
C_1.6
C_2.0
680
750
M_2.0
1000
X_2.0
2200
X_1.6
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. HEIGHT
(mm)
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
MAX. ESR
AT +25 °C
100 kHz
(
)
6.3 VDC AT +40 °C, 4.0 VDC AT +85 °C; 2.5 VDC AT +125 °C
470
C
592W477X06R3C2T16H
1.6
30
14
0.200
2200
X
592W228X06R3X2T16H
1.6
139
45
0.070
8.2 VDC AT +40 °C; 5.2 VDC AT +85 °C, 3.3 VDC AT +125 °C
470
C
592W477X08R2C2T20H
2.0
57
20
0.100
10 VDC AT +40 °C; 6.3 VDC AT +85 °C, 4.0 VDC AT +125 °C
330
C
592W337X0010C2T20H
2.0
33
20
0.100
750
M
592W757X0010M2T20H
2.0
75
35
0.100
1000
X
592W108X0010X2T20H
2.0
100
35
0.080
ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Category temperature range
-55 °C to +125 °C (with voltage derating)
Capacitance tolerance
± 20 %, ± 10 % (at 120 Hz) 2 VRMS at +25 °C using a capacitance bridge
Dissipation factor (at 120 Hz)
Limits per Standard Ratings table. Tested via bridge method, at 25 °C, 120 Hz
ESR (100 kHz)
Limits per Standard Ratings table. Tested via bridge method, at 25 °C, 100 kHz
Leakage current
After application of RV applied to capacitors for 5 min using a steady source of power with 1 k
 resistor in
series with the capacitor under test, leakage current at 25 °C is not more than described in.
Operation temperatures
Rated voltage
- 55 °C / + 40 °C
10 V
8.2 V
6.3 V
4.0 V
Category voltage
+ 40 °C / + 85 °C
6.3 V
5.2 V
4.0 V
2.5 V
Category voltage
+ 85 °C / + 125 °C
4 V
3.3 V
2.5 V
1.6 V
VOLTAGE VS. TEMPERATURE RATING
120
100
100 %
80
60
40
20
0
40 %
-55
+40
0+85
+125
80 %
33 %
63 %
80 %
TEMPERATURE (°C)
100 %
100 %
80 %
50 %
Rated range
Recommended
derating
592W recommended derating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com