Electronic Components Datasheet Search
  English  ▼

X  

TMCM Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TMCM
Description  Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Extended Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TMCM Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TMCM Datasheet HTML 3Page - Vishay Siliconix TMCM Datasheet HTML 4Page - Vishay Siliconix TMCM Datasheet HTML 5Page - Vishay Siliconix TMCM Datasheet HTML 6Page - Vishay Siliconix TMCM Datasheet HTML 7Page - Vishay Siliconix TMCM Datasheet HTML 8Page - Vishay Siliconix TMCM Datasheet HTML 9Page - Vishay Siliconix TMCM Datasheet HTML 10Page - Vishay Siliconix TMCM Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TMCM
www.vishay.com
Vishay Polytech
Revision: 26-Oct-17
7
Document Number: 40178
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 VDC AT + 85 °C, 16 VDC AT +125 °C
0.68
A
TMCMA1E684(1)TRF
0.5
4
9.7
0.090
1.0
A
TMCMA1E105(1)TRF
0.5
4
6.6
0.109
1.5
A
TMCMA1E155(1)TRF
0.5
6
4.4
0.133
2.2
A
TMCMA1E225(1)TRF
0.6
6
4.4
0.133
2.2
B
TMCMB1E225(1)TRF
0.6
6
3.9
0.157
3.3
A
TMCMA1E335(1)TRF
0.8
6
2.8
0.167
3.3
B
TMCMB1E335(1)TRF
0.8
6
3.9
0.157
4.7
A
TMCMA1E475MTRF
1.2
6
6.6
0.109
4.7
B
TMCMB1E475(1)TRF
1.2
6
2.8
0.185
6.8
B
TMCMB1E685(1)TRF
1.7
8
2.8
0.185
6.8
C
TMCMC1E685(1)TRF
1.7
8
1.7
0.243
10
B
TMCMB1E106(1)TRF
2.5
8
2.2
0.209
10
C
TMCMC1E106(1)TRF
2.5
8
1.7
0.243
15
C
TMCMC1E156(1)TRF
3.8
8
1.7
0.243
15
E
TMCME1E156(1)TRF
3.8
8
0.9
0.365
22
C
TMCMC1E226(1)TRF
5.5
8
1.1
0.302
22
E
TMCME1E226(1)TRF
5.5
8
0.9
0.365
33
E
TMCME1E336(1)TRF
8.3
8
0.9
0.365
47
E
TMCME1E476(1)TRF
11.8
8
0.9
0.365
35 VDC AT + 85 °C, 22 VDC AT +125 °C
0.47
A
TMCMA1V474(1)TRF
0.5
4
16.5
0.069
0.68
A
TMCMA1V684(1)TRF
0.5
4
9.7
0.090
1.0
A
TMCMA1V105(1)TRF
0.5
4
6.6
0.109
1.5
A
TMCMA1V155(1)TRF
0.5
6
4.4
0.133
1.5
B
TMCMB1V155(1)TRF
0.5
6
3.9
0.157
2.2
A
TMCMA1V225MTRF
0.8
8
4.4
0.133
2.2
B
TMCMB1V225(1)TRF
0.8
6
5.5
0.132
3.3
B
TMCMB1V335(1)TRF
1.2
6
3.9
0.157
4.7
C
TMCMC1V475(1)TRF
1.6
6
2.8
0.189
6.8
C
TMCMC1V685(1)TRF
2.4
6
1.7
0.243
10
C
TMCMC1V106(1)TRF
3.5
8
1.7
0.243
10
E
TMCME1V106(1)TRF
3.5
8
1.1
0.330
15
E
TMCME1V156(1)TRF
5.3
8
0.9
0.365
22
E
TMCME1V226(1)TRF
7.7
8
0.9
0.365
RECOMMENDED VOLTAGE DERATING GUIDELINES (for temperature below +85 °C)
CAPACITOR VOLTAGE RATING
OPERATING VOLTAGE
2.5
1.2
4.0
2.0
6.3 (7.0)
3.1 (3.5)
10
5.0
16
8.0
20
10.0
25
12.5
35
17.5
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C, 120 Hz
(%)
MAX. ESR
AT +25 °C, 100 kHz
(
)
MAX. RIPPLE,
100 kHz IRMS
(A)
Note
• Part number definition:
(1) Tolerance: For 10 % tolerance, specify “K”; for 20 % tolerance, change to “M”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com