Electronic Components Datasheet Search
  English  ▼

X  

TLE4484G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4484G
Description  Dual Voltage Regulator with 5 V and 15 V Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4484G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4484G Datasheet HTML 3Page - Infineon Technologies AG TLE4484G Datasheet HTML 4Page - Infineon Technologies AG TLE4484G Datasheet HTML 5Page - Infineon Technologies AG TLE4484G Datasheet HTML 6Page - Infineon Technologies AG TLE4484G Datasheet HTML 7Page - Infineon Technologies AG TLE4484G Datasheet HTML 8Page - Infineon Technologies AG TLE4484G Datasheet HTML 9Page - Infineon Technologies AG TLE4484G Datasheet HTML 10Page - Infineon Technologies AG TLE4484G Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TLE 4484
Data Sheet Rev. 1.0
10
2000-08-04
Package Outlines
P-SOT223-4-2 (SMD)
(Plastic Dual Small Outline)
±0.1
±0.2
±0.1
0.7
4
3
2
1
6.5
3
acc. to
+0.2
DIN 6784
1.6±0.1
±0.04
0.28
0.1 max
B
M
0.25
B
A
2.3
4.6
A
M
0.25
Sorts of Packing
Package outlines for tubes, trays etc. are contained in our
Data Book “Package Information”
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com