Electronic Components Datasheet Search
  English  ▼

X  

TLV1543 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1543
Description  3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1543 Datasheet(HTML) 1 Page - Texas Instruments

  TLV1543 Datasheet HTML 1Page - Texas Instruments TLV1543 Datasheet HTML 2Page - Texas Instruments TLV1543 Datasheet HTML 3Page - Texas Instruments TLV1543 Datasheet HTML 4Page - Texas Instruments TLV1543 Datasheet HTML 5Page - Texas Instruments TLV1543 Datasheet HTML 6Page - Texas Instruments TLV1543 Datasheet HTML 7Page - Texas Instruments TLV1543 Datasheet HTML 8Page - Texas Instruments TLV1543 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TLV1543C, TLV1543I, TLV1543M
3.3V 10BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS072E − DECEMBER 1992 − REVISED JANUARY 2004
1
WWW.TI.COM
D 3.3-V Supply Operation
D 10-Bit-Resolution A/D Converter
D 11 Analog Input Channels
D Three Built-In Self-Test Modes
D Inherent Sample and Hold
D Total Unadjusted Error . . . ±1 LSB Max
D On-Chip System Clock
D End-of-Conversion (EOC) Output
D Pin Compatible With TLC1543
D CMOS Technology
description
The TLV1543C, TLV1543I, and TLV1543M are
CMOS 10-bit, switched-capacitor, successive-
approximation,
analog-to-digital
converters.
These devices have three inputs and a 3-state
output [chip select (CS), input-output clock (I/O
CLOCK), address input (ADDRESS), and data
output (DATA OUT)] that provide a direct 4-wire
interface to the serial port of a host processor. The
devices allow high-speed data transfers from the
host.
In addition to a high-speed A /D converter and
versatile control capability, these devices have an
on-chip 14-channel multiplexer that can select
any one of 11 analog inputs or any one of three
internal self-test voltages. The sample-and-hold
function is automatic. At the end of A /D conversion, the end-of-conversion (EOC) output goes high to indicate
that conversion is complete. The converter incorporated in the devices features differential high-impedance
reference inputs that facilitate ratiometric conversion, scaling, and isolation of analog circuitry from logic and
supply noise. A switched-capacitor design allows low-error conversion over the full operating free-air
temperature range.
The TLV1543C is characterized for operation from 0
°C to 70°C. The TLV1543I is characterized for industrial
temperature range of − 40
°C to 85°C. The TLV1543M is characterized for operation over the full military
temperature range of − 55
°C to 125°C.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL
OUTLINE
(DB)
SMALL
OUTLINE
(DW)
CHIP CARRIER
(FK)
CERAMIC DIP
(J)
PLASTIC DIP
(N)
PLASTIC CHIP
CARRIER
(FN)
0
°C to 70°C
TLV1543CDB
TLV1543CDW
—
—
TLV1543CN
TLV1543CFN
−40
°C to 85°C
TLV1543IDB
—
—
—
—
—
−55
°C to 125°C
—
—
TLV1543MFK
TLV1543MJ
—
—
Copyright
 2000 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
A0
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
EOC
I/O CLOCK
ADDRESS
DATA OUT
CS
REF +
REF −
A10
A9
DB, DW, FK, J, OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
I/O CLOCK
ADDRESS
DATA OUT
CS
REF +
A3
A4
A5
A6
A7
FN PACKAGE
(TOP VIEW)


Similar Part No. - TLV1543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1543C TI-TLV1543C Datasheet
295Kb / 18P
3.3-V 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543C TI1-TLV1543C Datasheet
1Mb / 30P
3.3-V Supply Operation 10-Bit-Resolution A/D Converter
TLV1543CDB TI-TLV1543CDB Datasheet
295Kb / 18P
3.3-V 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543CDB TI1-TLV1543CDB Datasheet
1Mb / 30P
3.3-V Supply Operation 10-Bit-Resolution A/D Converter
TLV1543CDBG4 TI1-TLV1543CDBG4 Datasheet
1Mb / 30P
3.3-V Supply Operation 10-Bit-Resolution A/D Converter
More results

Similar Description - TLV1543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543C TI-TLC2543C Datasheet
431Kb / 27P
12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543C TI-TLV2543C Datasheet
379Kb / 24P
12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com