Electronic Components Datasheet Search
  English  ▼

X  

KBP301 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # KBP301
Description  VOLTAGE RANGE 50 TO 1000 VOL TS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

KBP301 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  KBP301 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. KBP301 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTICS CURVES
KBP3005 THRU KBP310
1.0
3.0
2.0
20
100
60
140
40
120
80
Fig. 1 - DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
0
AMBIENT TEMPERATURE, C
.01
0.1
1.0
10
20
0
100
60
140
40
120
80
Fig. 3 - TYPICAL FORWARD
CHARACTERISTICS
TJ = 25 0C
PERCENT OF RATED PEAK
REVERSE VOLTAGE
100
10
1
0
30
40
50
60
70
80
NUMBER OF CYCLES AT 60 Hz
Fig. 4 - MAXIMUM FORWARD SURGE CURRENT
0
T =25 C
J
.01
0.1
1.0
10
20
Fig. 2 - DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ = 25
0C
RATING AND CHARACTERISTICS CURVES
KBP3005 THRU KBP310
K B P 3 0 0 5 th ru K B P 3 1 0
VOLTAGE RANGE 50 TO 1000 VOL TS
CURRENT 3.0 Amperes
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com