Electronic Components Datasheet Search
  English  ▼

X  

TPR1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TPR1000
Description  1000 Watts, 45 Volts, Pulsed Avionics 1090 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TPR1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TPR1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers TPR1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE
THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE
PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
TPR 1000
1000 Watts, 45 Volts, Pulsed
Avionics 1090 MHz
GENERAL DESCRIPTION
CASE OUTLINE
The TPR 1000 is a high power COMMON BASE bipolar transistor. It is
designed for pulsed systems in the frequency band 1090 MHz. The device
has gold thin-film metallization for proven highest MTTF. The transistor
includes input returns for fast rise time. Low thermal resistance package
reduces junction temperature, extends life.
55KV, Style 1
Common Base
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
2900 Watts
o2
Maximum Voltage and Current
BVces
Collector to Base Voltage
65 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
80 Amps
Maximum Temperatures
Storage Temperature
- 65 to + 200 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Power Input
Vcc = 45 Volts
250
Watts
Pg
η
c
t
r
VSWR
1
Power Out
F = 1090 MHz
1000
Watts
Power Gain
6.0
dB
Collector Efficiency
43
%
Rise Time
70
ns
Load Mismatch Tolerance
9:1
PW = 10
µsec
DF = 1%
F = 1030 MHz
Bvebo
3,4
BVces
Collector to Emitter Breakdown
Ic = 100mA
65
Volts
4
hFE
4
θjc2
Emitter to Base Breakdown
Ie = 50mA
3.5
Volts
DC - Current Gain
Ic = 1000mA, Vce = 5 V
10
Thermal Resistance
0.06
C/W
o
Note 1: At rated output power and pulse conditions
2: At rated pulse conditions
3: Cannot measure due to input return
4: Per Side
Issue A June 1997


Similar Part No. - TPR1000

ManufacturerPart #DatasheetDescription
logo
GHz Technology
TPR1000 GHZTECH-TPR1000 Datasheet
71Kb / 2P
high power COMMON BASE bipolar transistor.
logo
TEKTRONIX, INC.
TPR1000 TEKTRONIX-TPR1000 Datasheet
428Kb / 6P
Active Power Rail Probes
TPR1000 TEKTRONIX-TPR1000 Datasheet
7Mb / 44P
4 Series MSO Mixed Signal Oscilloscope Datasheet
30 Apr 2020
More results

Similar Description - TPR1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDS170 ETC-MDS170 Datasheet
265Kb / 3P
170 Watts, 36 Volts, Pulsed Avionics 1030/1090 MHz
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR700 ETC1-TPR700 Datasheet
296Kb / 3P
700 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
MDS800 ADPOW-MDS800 Datasheet
55Kb / 2P
800 Watts, 50 Volts Pulsed Avionics at 1090 MHz
logo
GHz Technology
TPR500 GHZTECH-TPR500 Datasheet
272Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150 Datasheet
97Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS60L MICROSEMI-MDS60L_11 Datasheet
244Kb / 4P
60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS500L MICROSEMI-MDS500L_08 Datasheet
194Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com