| Electronic Components Datasheet Search |
|
TMS320LF2402APGS Datasheet(PDF) 73 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320LF2402APGS Datasheet(HTML) 73 Page - Texas Instruments |
|
73 / 133 page ![]() TMS320LF2407A, TMS320LF2406A, TMS320LF2403A, TMS320LF2402A TMS320LC2406A, TMS320LC2404A, TMS320LC2403A, TMS320LC2402A DSP CONTROLLERS SPRS145J − JULY 2000 − REVISED NOVEMER 2004 73 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 current consumption by power-supply pins over recommended operating free-air temperature ranges during low-power modes at 40-MHz CLOCKOUT (TMS320LF2407A) PARAMETER MODE TEST CONDITIONS MIN TYP MAX UNIT IDD† Operational Current LPM0 Clock to all peripherals is enabled. No I/O pins are switching. 70 80 mA ICCA ADC module current LPM0 Clock to all peripherals is enabled. No I/O pins are switching. 10 22 mA IDD† Operational Current LPM1 Clock to all peripherals is disabled. No I/O pins are switching. 35 45 mA ICCA ADC module current LPM1 Clock to all peripherals is disabled. No I/O pins are switching. 0 0 mA IDD† Operational Current LPM2 Clock to all peripherals is disabled. Flash is powered down. 200 400 µA ICCA ADC module current LPM2 Flash is powered down. Input clock is disabled.‡ 0 0 mA † IDD is the current flowing into the VDD, VDDO, and PLLVCCA pins. ‡ If a quartz crystal or ceramic resonator is used as the clock source, the LPM2 mode shuts down the internal oscillator. current consumption by power-supply pins over recommended operating free-air temperature ranges during low-power modes at 40-MHz CLOCKOUT (TMS320LF2406A) PARAMETER MODE TEST CONDITIONS MIN TYP MAX UNIT IDD† Operational Current LPM0 Clock to all peripherals is enabled. No I/O pins are switching. 70 80 mA ICCA ADC module current LPM0 Clock to all peripherals is enabled. No I/O pins are switching. 10 22 mA IDD† Operational Current LPM1 Clock to all peripherals is disabled. No I/O pins are switching. 35 45 mA ICCA ADC module current LPM1 Clock to all peripherals is disabled. No I/O pins are switching. 0 0 mA IDD† Operational Current LPM2 Clock to all peripherals is disabled. Flash is powered down. 200 400 µA ICCA ADC module current LPM2 Flash is powered down. Input clock is disabled.‡ 0 0 mA † IDD is the current flowing into the VDD, VDDO, and PLLVCCA pins. ‡ If a quartz crystal or ceramic resonator is used as the clock source, the LPM2 mode shuts down the internal oscillator. current consumption by power-supply pins over recommended operating free-air temperature ranges during low-power modes at 40-MHz CLOCKOUT (TMS320LF2403A) PARAMETER MODE TEST CONDITIONS MIN TYP MAX UNIT IDD† Operational Current LPM0 Clock to all peripherals is enabled. No I/O pins are switching. 70 80 mA ICCA ADC module current LPM0 Clock to all peripherals is enabled. No I/O pins are switching. 10 22 mA IDD† Operational Current LPM1 Clock to all peripherals is disabled. No I/O pins are switching. 35 45 mA ICCA ADC module current LPM1 Clock to all peripherals is disabled. No I/O pins are switching. 0 0 mA IDD† Operational Current LPM2 Clock to all peripherals is disabled. Flash is powered down. 200 400 µA ICCA ADC module current LPM2 Flash is powered down. Input clock is disabled.‡ 0 0 mA † IDD is the current flowing into the VDD, VDDO, and PLLVCCA pins. ‡ If a quartz crystal or ceramic resonator is used as the clock source, the LPM2 mode shuts down the internal oscillator. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |