Electronic Components Datasheet Search
  English  ▼

X  

ABC200-1012G Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # ABC200-1012G
Description  Active Power Factor Correction
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC200-1012G Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button ABC200-1012G Datasheet HTML 3Page - Bel Fuse Inc. ABC200-1012G Datasheet HTML 4Page - Bel Fuse Inc. ABC200-1012G Datasheet HTML 5Page - Bel Fuse Inc. ABC200-1012G Datasheet HTML 6Page - Bel Fuse Inc. ABC200-1012G Datasheet HTML 7Page - Bel Fuse Inc. ABC200-1012G Datasheet HTML 8Page - Bel Fuse Inc. ABC200-1012G Datasheet HTML 9Page - Bel Fuse Inc. ABC200-1012G Datasheet HTML 10Page - Bel Fuse Inc. ABC200-1012G Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ABC200 Series
7
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.G0201_AC
Figure 11. Load transient VO, 7.5A to 15A (200 us/div), CH1: IO (5
A/div) CH2: VO (200 mV/div)
Figure 12. Load transient VO, 15A to 7 A (200 us/div)
CH1: IO (5 A/div) CH2: VO (200 mV/div)
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNIT
TA
Ambient temperature
Vi min to Vi max, Io nom, ISB nom
-10
+50
°C
TAext
Extended temp range
Derated output
+50
+70
°C
TS
Storage temperature
Non-operational
-40
+85
°C
PARAMETER
CONDITIONS / DESCRIPTION
MIN
NOM
MAX
UNIT
F
Input Fuses Rating
Not user accessible, time lag characteristic
5.0
A
Vo ov
OV Trigger Point
ABC200-1012G
14.0
15.0
16.0
VDC
ABC200-1024G
28.0
30.0
32.0
VDC
ABC200-1048G
53.0
55.0
57.0
VDC
Io lim
Current Limit
Vi > 90 VAC, -10 °C <Ta < 50 °C
ABC200-1012G
18.0
A
ABC200-1024G
9.0
A
ABC200-1048G
4.5
A
TSD
Over Temperature on
Heat Sinks
Automatic shut-down, automatic recovery after cool down.
105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com