Electronic Components Datasheet Search
  English  ▼

X  

ABC275 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC275
Description  5 x 3 x 0.75 Inches form factor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC275 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC275 Datasheet HTML 1Page - Bel Fuse Inc. ABC275 Datasheet HTML 2Page - Bel Fuse Inc. ABC275 Datasheet HTML 3Page - Bel Fuse Inc. ABC275 Datasheet HTML 4Page - Bel Fuse Inc. ABC275 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ABC275 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.00881_AB
Output Power3
With 13 CFM forced air cooling
With natural convection cooling at 100 to 264 VAC
275 W
up to 160 W
Efficiency
(typical @ 230 VAC full load)
48 V, 58 V:
24 V, 30 V:
12 V, 15 V:
92%
90%
88%
Hold-up Time
At 275 W:
At 160 W:
8 ms
16 ms
Line Regulation
+/-0.5%
Load Regulation
+/-1%
Transient Response
25% step load change, at 0.1 A/µs slew rate, 50% duty
cycle, 50 Hz = 4%
recovery time < 5 ms
Voltage Adjustment4
+/-3%
Rise Time
Typical
55 ms
Set Point Tolerance5
+/-1%
Over Current Protection
> 110%
Over Voltage Protection
110 to 140%
Short Circuit Protection
Hiccup mode
Operating Temperature6
Startup guaranteed with spec. deviation
-40 to +70°C
-40 to 0°C
Storage Temperature
-40 to +85°C
Relative Humidity
Non-condensing
5% to 95%
Altitude
Operating:
Non-operating:
16,000 ft.
40,000 ft.
MTBF
Telcordia -SR332-issue 3
3.37 million hours
Conducted Emissions
EN55032-B, CISPR22-B, FCC PART15-B
Pass
Radiated Emissions
EN 55032 A;
with external core (King core K5B RC 25x12x15-M in input cable)
Pass
Level B
Input Current Harmonics
EN 61000-3-2
Class D
Voltage Fluctuation and Flicker
EN 61000-3-3
Pass
ESD Immunity
EN 61000-4-2
Level 3, Criterion A
Radiated Field Immunity
EN 61000-4-3
Level 3, Criterion A
Electrical Fast Transient Immunity
EN 61000-4-4
Level 3, Criterion A
Surge Immunity
EN 61000-4-5
Level 3, Criterion A
Conducted Immunity
EN 61000-4-6
Level 3, Criterion A
Magnetic Field Immunity
EN 61000-4-8
Level 3, Criterion A
Voltage Dips, Interruptions
EN 61000-4-11
Criterion A & B
3 Combined output power of main output, fan supply shall not exceed max. Power rating.
4 Adjustment potentiometer is located on the SMT side of the PCB.
5 Fan supply output voltage tolerance including set point accuracy, line & load regulation is +/-10% and Ripple & noise is less than 10%.
6 Output ripple can be more than 10% of the output voltage.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com