Electronic Components Datasheet Search
  English  ▼

X  

IMX7 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # IMX7
Description  7-Watt DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX7 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button IMX7 Datasheet HTML 6Page - Bel Fuse Inc. IMX7 Datasheet HTML 7Page - Bel Fuse Inc. IMX7 Datasheet HTML 8Page - Bel Fuse Inc. IMX7 Datasheet HTML 9Page - Bel Fuse Inc. IMX7 Datasheet HTML 10Page - Bel Fuse Inc. IMX7 Datasheet HTML 11Page - Bel Fuse Inc. IMX7 Datasheet HTML 12Page - Bel Fuse Inc. IMX7 Datasheet HTML 13Page - Bel Fuse Inc. IMX7 Datasheet HTML 14Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
BCD20007-G Rev AF, 31-Jul-2015
Page 13 of 14
MELCHER
The Power Partners.
50.8 (2")
3.81(0.15")
3.81(0.15")
PT 2.2
self tapping screws
1
4
10
14
0.8
× 1.2 (0.03 × 0.05") pins
∅ 1.6 (0.06) PCB holes
3.4 (0.13")
45.7 (1.8")
4.6 (0.18")
S09030b
Measuring point
of case temperature
TC
Mechanical Data
Dimensions in mm (inches).
Tolerances ±0.3 mm,
unless otherwise noted.
Material: PPS Fortron 1140L6
Weight: <20 g
Fig. 16
Case IMX7/IMS7 with
standard pinout
European
Projection
Failure Rates
Safety and Installation Instructions
Pin Allocation
Fig. 19
Footprint
Bottom view
1
4
10
14
10011
2
3
11
12
13
Table 12: Pin allocation
Pin
Single output
Double output
1Vi+
Vi+
2Vi–
Vi–
3i
i
4
n.c.
Trim
10
Vo–
Vo1–
11
Vo+
Vo1+
12
Vo–
Vo2–
13
R
Vo2+
14
n.c.
n.c.
Fig. 18
Open-frame
model (option Z)
Fig. 17
SMD pins (option M)
Table 11: MTBF and device hours
Model
Standard
Ground benign
Ground fixed
Ground mobile
Unit
TC = 40 °C
TC = 40 °C
TC = 70 °C
TC = 50 °C
24IMS7-05-9
MIL-HDBK-217F
634 000
321 000
188 000
271 000
h
40IMX7-12-12-8
MIL-HDBK-217F
851 000
395 000
253 000
342 000
Bellcore
3 019 000
1 510 000
809 000
409 000
40IMX7-05-05-8
Bellcore
3 320 000
1 660 000
871 000
447 000
43.2 (1.7")
S90002b
48 (1.9")
1
4
10
14
3.5 ±0.1 (0.14")
1.2 (0.5")
Bottom view
TC Z
Core
50.8
3.81
3.81
3.81
3.81
3.81
5.08
5.08
5.08
3.81
1
4
10
14
0.8
× 1.2 Pins
4.2
42.4
09031a
Measuring point
case temper.
T
C
Bottom view



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com