Electronic Components Datasheet Search
  English  ▼

X  

IMX4 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # IMX4
Description  4 Watt DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IMX4 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button IMX4 Datasheet HTML 3Page - Bel Fuse Inc. IMX4 Datasheet HTML 4Page - Bel Fuse Inc. IMX4 Datasheet HTML 5Page - Bel Fuse Inc. IMX4 Datasheet HTML 6Page - Bel Fuse Inc. IMX4 Datasheet HTML 7Page - Bel Fuse Inc. IMX4 Datasheet HTML 8Page - Bel Fuse Inc. IMX4 Datasheet HTML 9Page - Bel Fuse Inc. IMX4 Datasheet HTML 10Page - Bel Fuse Inc. IMX4 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IMX4 Series Data Sheet
4 Watt DC-DC Converters
BCD20006-G Rev AE, 16-Sep-2015
Page 7 of 12
MELCHER
The Power Partners.
Thermal Considerations
If a converter, mounted on a PCB, is located in free, quasi-
stationary air (convection cooling) at the maximum ambient
temperature TA max (see table Temperature specifications)
and is operated at nominal input voltage and output power,
the case temperature TC measured at the measuring point of
case temperature TC (see Mechanical Data) will approach the
indicated value TC max after the warm-up phase. However, the
relationship between TA and TC depends heavily on the
conditions of operation and integration into a system. The
thermal conditions depend on input voltage, output current,
airflow, temperature of surrounding components and surfaces
and the properties of the printed circuit board. TA max is
therefore only an indicative value, and under practical
operating conditions, the ambient temperature TA may be
higher or lower.
Caution: The case temperature TC measured at the measuring
point of case temperature TC (see Mechanical Data) may under no
circumstances exceed the specified maximum. The installer must
ensure that under all operating conditions TC remains within the
limits stated in the table Temperature Specifications.
Short Circuit Behavior
The current limitation shuts down the converter, when a short
circuit is applied to the output. It acts self-protecting, and
automatically recovers after removal of the overload condition.
Output Overvoltage Protection
The outputs are protected against overvoltages by Zener
diodes. In the event of an overvoltage, the converter will shut-
down and attempt to restart automatically. The main purpose
of this feature is to protect against possible overvoltages,
which could occur due to a failure in the feedback control
circuit. The converters are not designed to withstand external
overvoltages applied to the outputs.
Connection in Series
The outputs of single or dual-output models can be connected
in series without any precautions, taking into consideration
that the output voltage should remain below 60 V for SELV
operation.
Fig. 9
Overload switch-off (hiccup mode).
70
100
Vo [%]
t [ms]
05041a
0.3 s
overload short circuit condition
switch-off
0
Connection in Parallel
Several converters with equal output voltage can be
connected in parallel and will share their output current quite
equally. However, this may cause start-up problems and is only
recommended in applications, where one converter is able to
deliver the full load current, e.g., in true redundant systems.
Typical Performance Curves
Fig. 10
Vo versus Io (typ) of single-output models (20IMX4-05)
Fig. 11
Vo versus Io (typ.) of dual-output models (±15 V), with load
connected between Vo+ and Vo –.
Fig. 12
Cross load regulation of dual-output models. Vo1 versus Io1
(typ) for various Io2 (40IMX4-1515).
14
14.5
15
15.5
16
16.5
Vo1 [V]
20
40
60
80
100
120
140 mA
Io1
0
Io2 = 140 mA
Io2 = 14 mA
05058a
5.25
5.0
4.75
4.5
4.25
4.0
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 A
Vo [V]
05056b
Io
28.5
29
29.5
30
30.5
31
31.5
Vo1 + Vo2 [V]
20
40
60
80
100
120
140 mA
0
05057a
Io



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com