Electronic Components Datasheet Search
  English  ▼

X  

6027436 Datasheet(PDF) 7 Page - SICK AG

Part # 6027436
Description  PHOTOELECTRIC SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6027436 Datasheet(HTML) 7 Page - SICK AG

  6027436 Datasheet HTML 1Page - SICK AG 6027436 Datasheet HTML 2Page - SICK AG 6027436 Datasheet HTML 3Page - SICK AG 6027436 Datasheet HTML 4Page - SICK AG 6027436 Datasheet HTML 5Page - SICK AG 6027436 Datasheet HTML 6Page - SICK AG 6027436 Datasheet HTML 7Page - SICK AG 6027436 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VL18L-4N344 | V18 Laser
PHOTOELECTRIC SENSORS
Recommended accessories
Other models and accessories
www.sick.com/V18_Laser
Brief description
Type
Part no.
Universal bar clamp systems
Plate N06 for universal clamp bracket, M18, Zinc plated steel (sheet), Zinc die cast
(clamping bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N06
2051612
Mounting brackets and plates
Mounting plate for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M18
5321870
Mounting bracket for M18 sensors, steel, zinc coated, without mounting hardware
BEF-WN-M18
5308446
Reflectors
Rectangular, screw connection, 47 mm x 47 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
P250
5304812
Rectangular, screw connection, 80 mm x 80 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL80A
1003865
Fine triple reflector, screw connection, suitable for laser sensors, 47 mm x 47 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
P250F
5308843
Fine triple reflector, screw connection, suitable for laser sensors, 18 mm x 18 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL10F
5311210
Fine triple reflector, screw connection, suitable for laser sensors, 38 mm x 16 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL20F
5308844
Fine triple reflector, screw connection, suitable for laser sensors, 56 mm x 28 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL30F
5326523
Round, screw connection, PMMA/ABS, Center hole mounting, screw-on
C110A
5304549
2017-11-09 17:58:45 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com