Electronic Components Datasheet Search
  English  ▼

X  

TR3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TR3
Description  Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3 Datasheet(HTML) 3 Page - Vishay Siliconix

  TR3 Datasheet HTML 1Page - Vishay Siliconix TR3 Datasheet HTML 2Page - Vishay Siliconix TR3 Datasheet HTML 3Page - Vishay Siliconix TR3 Datasheet HTML 4Page - Vishay Siliconix TR3 Datasheet HTML 5Page - Vishay Siliconix TR3 Datasheet HTML 6Page - Vishay Siliconix TR3 Datasheet HTML 7Page - Vishay Siliconix TR3 Datasheet HTML 8Page - Vishay Siliconix TR3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
TR3
www.vishay.com
Vishay Sprague
Revision: 26-Oct-17
3
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) 125 °C life test post test limits per AEC-Q200
10
A (2.00, 1.50),
B (1.50)
A (2.00, 1.80,
1.00, 0.90),
B (1.00, 0.80,
0.75)
A (1.70),
B (0.80, 0.50),
C (0.60, 0.50,
0.45)
B (1.00, 0.50),
C (0.70, 0.50,
0.475, 0.45,
0.40)
B (1.30, 1.10,
0.90, 0.45),
C (0.60, 0.50,
0.45, 0.30),
D (0.40, 0.30)
C (1.20, 0.45),
D (0.40, 0.30,
0.26, 0.25,
0.20, 0.135,
0.125),
E (0.25, 0.20)
D (0.70, 0.55,
0.45),
E (0.70, 0.55,
0.50, 0.40,
0.30)
E (0.60)
15
A (1.50)
A (2.00, 1.00)
A (2.00, 1.00),
B (0.60, 0.45,
0.70), C (0.70)
B (0.80, 0.50),
C (0.40)
B (1.00, 0.50),
C (0.40)
B (1.00, 0.80,
0.60),
C (0.90,
0.425),
D (0.35,
0.275, 0.25,
0.20)
C (0.60, 0.40),
D (0.35, 0.30,
0.26, 0.225,
0.20, 0.150),
E (0.30, 0.225,
0.20, 0.150)
E (0.40, 0.30,
0.25, 0.20)
22
A (1.50)
A (3.00, 2.00,
1.00, 0.90),
B (0.60),
C (0.50)
A (1.50, 1.00,
0.90, 0.80),
B (1.00, 0.70,
0.50, 0.40),
C (0.40,
0.345, 0.30)
B (1.00, 0.70,
0.60, 0.40),
C (0.375,
0.350),
D (0.25)
B (0.80, 0.60,
0.40),
C (0.40,
0.375),
D (0.30,
0.225, 0.20)
C (1.00, 0.90,
0.425, 0.40,
0.30, 0.275,
0.250),
D (0.30, 0.20),
E (0.30, 0.20),
V (0.50, 0.40,
0.25)
D (0.40, 0.30,
0.275, 0.250,
0.20),
E (0.30, 0.275,
0.260, 0.20)
33
A (1.50),
B (0.50)
A (2.00, 0.80,
0.60),
B (0.45, 0.35,
0.60, 0.50)
B (0.140,
0.65, 0.60,
0.50, 0.425,
0.30),
C (0.375,
0.30)
B (0.70, 0.50,
0.35),
C (0.30,
0.225),
D (0.25,
0.225, 0.15)
C (0.35, 0.30,
0.20),
D (0.40, 0.25,
0.20)
D (0.40, 0.30,
0.225, 0.20),
E (0.30, 0.20,
0.175)
D (0.40, 0.25),
E (0.40, 0.25)
47
A (0.80, 0.50),
B (0.50)
A (0.80),
B (0.55, 0.50,
0.35, 0.25),
C (0.30, 0.25)
B (0.65, 0.60,
0.50, 0.35),
C (0.35, 0.30,
0.20),
D (0.22, 0.20,
0.14, 0.135,
0.10)
C (0.50, 0.35,
0.30),
D (0.20, 0.15,
0.12, 0.10,
0.080, 0.070)
D (0.20,
0.175, 0.15,
0.10),
E (0.15,
0.125)
D (0.35, 0.25,
0.20, 0.15,
0.125, 0.10),
E (0.30, 0.20,
0.15, 0.125,
0.10)
E
(0.40, 0.20) (1)
68
B (0.50),
C (0.275)
B (0.65, 0.55,
0.50, 0.35,
0.25),
C (0.275,
0.25, 0.20),
D (0.20,
0.175)
B (1.50, 0.90,
0.75, 0.60),
C (0.30,
0.275, 0.225
0.20),
D (0.20, 0.15,
0.10, 0.07),
E (0.15),
V (0.70, 0.30,
0.20, 0.14,
0.10)
D (0.15, 0.10,
0.070)
D (0.20,
0.175, 0.15,
0.115),
E (0.20, 0.15,
0.125, 0.12)
E (0.25,
0.125)
100
A (1.00),
B (0.45),
C (0.225)
B (1.50, 0.50,
0.40, 0.25),
C (0.30, 0.25,
0.15, 0.125,
0.10),
D (0.15, 0.14),
V (0.20, 0.15)
B (1.40),
C (0.20, 0.15,
0.10),
D (0.15, 0.10,
0.80, 0.70,
0.65, 0.50),
E (0.125,
0.15, 0.10),
V (0.40, 0.20,
0.15)
D (0.15,
0.125, 0.10,
0.075),
E (0.15,
0.125, 0.10),
V (0.15, 0.10)
D (0.20, 0.15,
0.10, 0.085,
0.08),
E (0.20, 0.15,
0.10),
W (0.20, 0.10,
0.08, 0.06)
W (0.20, 0.15,
0.10)
150
B (0.90, 0.50,
0.40),
C (0.25),
D (0.15)
C (0.30, 0.20),
D (0.15,
0.125,
0.075, 0.07,
0.05),
E (0.10)
C (0.50),
D (0.15, 0.10,
0.075, 0.07,
0.05),
E (0.10, 0.08)
D (0.40, 0.15,
0.125, 0.10,
0.085, 0.075,
0.060),
E (0.40, 0.15,
0.10, 0.075,
0.060),
W (0.075,
0.060)
W (0.20, 0.15,
0.10, 0.08)
220
B (1.10, 0.70,
0.50, 0.45),
C (0.20),
D (0.05, 0.15,
0.10)
C (0.30, 0.25,
0.225),
D (0.15, 0.10,
0.05),
E (0.15, 0.10),
V (0.10, 0.15)
D (0.15,
0.125, 0.10,
0.05),
E (0.15, 0.10,
0.070, 0.060,
0.050),
V (0.20, 0.15)
E (0.15,
0.125, 0.10)
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
63 V
75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com