Electronic Components Datasheet Search
  English  ▼

X  

UPB1008 Datasheet(PDF) 2 Page - NEC

Part # UPB1008
Description  NECs LOW POWER GPS RF RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1008 Datasheet(HTML) 2 Page - NEC

  UPB1008 Datasheet HTML 1Page - NEC UPB1008 Datasheet HTML 2Page - NEC UPB1008 Datasheet HTML 3Page - NEC UPB1008 Datasheet HTML 4Page - NEC UPB1008 Datasheet HTML 5Page - NEC UPB1008 Datasheet HTML 6Page - NEC UPB1008 Datasheet HTML 7Page - NEC UPB1008 Datasheet HTML 8Page - NEC UPB1008 Datasheet HTML 9Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UPB1008K
ADVANCED GPS COMPLETE SOLUTION
e911
AUTOMOTIVE
eYELLOW PAGES
PERSONAL GPS
ASSET
TRACKING
NETWORK
TRACKING
PLL
ADC
OPUS
STATE
MACHINE
ACQUISITION
TEMP
TIME
FREQ
GAIN
CONTROL
TRACKING
ADC
eRide NAVIGATION
SOFTWARE & DRIVERS
eRide
SMART SERVER
eRide WORLDWIDE
REFERENCE STATION
NETWORK
UPB1008K
Opus 1
UART
ADVANCED GPS COMPLETE SOLUTION
"NEC Corporation and eRide, Inc. have teamed to provide an advanced positioning solution delivering high GPS performance,
accuracy, integration and architecture flexibility. The chip set combines CEL's UPB1008K receiver IC with eRide's Opus One SOC
(System-on-a-Chip) Baseband ASIC and is suitable for standard GPS products as well as Cellular Handset applications. Also provided
are scalable client navigation software and drivers, plus location-aiding data from eRide's Smart Server. Together, they offer a
complete hardware/infrastructure solution.
The chip set's design allows it to operate independently of wireless interface standards - and independently of the host product's CPU
and Operating System. This unique approach to system integration makes it easy to deploy the chip set into an wireless application,
in any wireless network. A "Universal Hardware" solution, the design promises lower manufacturing costs and, ultimately lower cost
to the consumer.
The chip set's advanced positioning architecture offers unmatched sensitivity providing fast, accurate positioning architecture offers
unmatched sensitivity providing fast and accurate position fixes, even when indoors or in deep in urban canyons."
POWER DISSIPATION
First Fix
400 mW
Tracking
200-300 mW
Stand By
30 mW
HIGH PERFORMANCE GPS OMNI MODE
LI, C/A code receiver
Performance
Indoor
Outdoor
Time to First Fix w/ aiding
5-7sec
1-3sec
Time to First Fix w/o aiding
10-20sec
3-5sec
Accuracy
10-25m cep
2-5m cep
Sensitivity
-155dBm
-142dBm
in 1sec dwells
in two 10msec dwells
Superior performance in high reflection indoor environments and in urban canyon types of outdoor environments



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com