Electronic Components Datasheet Search
  English  ▼

X  

15F120C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 15F120C
Description  FAST RECOVER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

15F120C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  15F120C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 15F120C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 15F120C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 15F120C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 15F120C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:
201510C
1/5
快恢复二极管
FAST RECOVER DIODE
15F120C
订 货 型 号
Order codes
印
记
Marking
封
装
Package
包
装
Packaging
器件重量
Device Weight
15F120C
15F120C
TO-220C2L
条管
Tube
2.1g(typ)
封装 Package
产品特性
低功耗,高效率
高可靠性
环保(
RoHS)产品
FEATURES
Low power loss, high efficiency
High reliability
RoHS product
订货信息 ORDER MESSAGE
主要参数
MAIN
CHARACTERISTICS
IF(AV)
15A
VRRM
1200 V
Tj(max)
150℃
VF(typ)
2.2V
trr(typ)
40ns
TO-22OC2L
用途
开关电源
通用电路
UPS
APPLICATIONS
Switch power supply
General circuits
UPS


Similar Part No. - 15F120C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15F MOLEX11-15F Datasheet
407Kb / 3P
Aero-Motive Heavy Duty Retractors, Weight Range 8-15 lbs
logo
List of Unclassifed Man...
15F204EA ETC2-15F204EA Datasheet
736Kb / 252P
Operating voltage range: 3.8 ~ 5.5V or 2.4V ~ 3.6V (STC15L204EA series)
logo
JILIN SINO-MICROELECTRO...
15F60C JSMC-15F60C Datasheet
273Kb / 6P
FAST RECOVER DIODE
201510C
15F60HF JSMC-15F60HF Datasheet
273Kb / 6P
FAST RECOVER DIODE
201510C
15F60UC JSMC-15F60UC Datasheet
271Kb / 6P
Snubber diode
More results

Similar Description - 15F120C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
5F40HF JSMC-5F40HF Datasheet
231Kb / 5P
FAST RECOVER DIODE
5F60D JSMC-5F60D Datasheet
237Kb / 5P
FAST RECOVER DIODE
10F40HF JSMC-10F40HF Datasheet
230Kb / 5P
FAST RECOVER DIODE
10F40HF3S JSMC-10F40HF3S Datasheet
277Kb / 5P
FAST RECOVER DIODE
10F60HF JSMC-10F60HF Datasheet
260Kb / 6P
FAST RECOVER DIODE
10F60UHF JSMC-10F60UHF Datasheet
254Kb / 6P
FAST RECOVER DIODE
12F60UHF JSMC-12F60UHF Datasheet
284Kb / 6P
FAST RECOVER DIODE
20F60HF3 JSMC-20F60HF3 Datasheet
455Kb / 5P
Fast Recover Diode
60F30SAB3 JSMC-60F30SAB3 Datasheet
410Kb / 5P
FAST RECOVER DIODE
75F120W JSMC-75F120W Datasheet
220Kb / 5P
FAST RECOVER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com