Electronic Components Datasheet Search
  English  ▼

X  

AD7747 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7747
Description  24-Bit Capacitance-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7747 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7747 Datasheet HTML 5Page - Analog Devices AD7747 Datasheet HTML 6Page - Analog Devices AD7747 Datasheet HTML 7Page - Analog Devices AD7747 Datasheet HTML 8Page - Analog Devices AD7747 Datasheet HTML 9Page - Analog Devices AD7747 Datasheet HTML 10Page - Analog Devices AD7747 Datasheet HTML 11Page - Analog Devices AD7747 Datasheet HTML 12Page - Analog Devices AD7747 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7747
Rev. 0 | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
80
–80
–8 –7 –6 –5 –4 –3
–1
–2
8
INPUT CAPACITANCE (pF)
60
40
20
0
–20
–40
–60
01
23
456
7
Figure 4. Capacitance Input Integral Nonlinearity;
VDD = 5 V, CAPDAC = 0x3F
2000
–3000
–50
150
TEMPERATURE (ºC)
1000
0
–1000
–2000
–25
0
25
50
75
100
125
GAIN TC ≈ –28ppm/ºC
Figure 5. Capacitance Input Gain Drift vs. Temperature;
VDD = 5 V, CIN(+) to GND = 8 pF
.20
–0.30
–50
150
TEMPERATURE (ºC)
–25
0
25
50
75
100
125
.15
.10
.050
–0.05
–0.10
–0.15
–0.20
–0.25
Figure 6. Capacitance Input Offset Drift vs. Temperature;
VDD = 5 V, CIN(+) Open
10
–50
0
600
500
CAPACITANCE SHLD TO GND (pF)
0
–20
–10
–30
–40
50
100 150 200 250 300 350 400 450
550
2.7V
3.0V
3.3V
5.0V
Figure 7. Capacitance Input Error vs. Capacitance Between SHLD and GND;
CIN(+) to GND = 8 pF, VDD = 2.7 V, 3 V, 3.3 V, and 5 V
10
–50
0
600
500
CAPACITANCE SHLD TO GND (pF)
0
–20
–10
–30
–40
50
100 150 200 250 300 350 400 450
550
2.7V
3.0V
3.3V
5.0V
Figure 8. Capacitance Input Error vs. Capacitance Between SHLD and GND;
CIN(+) to GND = 25 pF, VDD = 2.7 V, 3 V, 3.3 V, and 5 V
10
–50
0
600
500
CAPACITANCE CIN TO SHLD (pF)
0
–20
–10
–30
–40
50
100 150 200 250 300 350 400 450
550
2.7V
3.0V
3.3V
5.0V
Figure 9. Capacitance Input Error vs. Capacitance Between CIN(+) and SHLD;
CIN(+) to GND = 8 pF, VDD = 2.7 V, 3 V, 3.3 V, and 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com