Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD7747EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # EVAL-AD7747EBZ
Description  24-Bit Capacitance-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7747EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button EVAL-AD7747EBZ Datasheet HTML 21Page - Analog Devices EVAL-AD7747EBZ Datasheet HTML 22Page - Analog Devices EVAL-AD7747EBZ Datasheet HTML 23Page - Analog Devices EVAL-AD7747EBZ Datasheet HTML 24Page - Analog Devices EVAL-AD7747EBZ Datasheet HTML 25Page - Analog Devices EVAL-AD7747EBZ Datasheet HTML 26Page - Analog Devices EVAL-AD7747EBZ Datasheet HTML 27Page - Analog Devices EVAL-AD7747EBZ Datasheet HTML 28Page - Analog Devices EVAL-AD7747EBZ Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AD7747
Rev. 0 | Page 26 of 28
TYPICAL APPLICATION DIAGRAM
VIN (+)
VDD
CIN1(+)
VIN (–)
SHLD
GND
SDA
SCL
RDY
CIN1(–)
REFIN(+)
REFIN(–)
TEMP
SENSOR
24-BIT Σ-Δ
GENERATOR
DIGITAL
FILTER
I2C
SERIAL
INTERFACE
EXCITATION
CONTROL LOGIC
CALIBRATION
VOLTAGE
REFERENCE
CAP DAC 1
CAP DAC 2
CLOCK
GENERATOR
MUX
AD7747
HOST
SYSTEM
0.1µF
10µF
3V/5V
POWER SUPPLY
+
10kΩ
10kΩ
Figure 39. Basic Application Diagram for a Differential Capacitive Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com