Electronic Components Datasheet Search
  English  ▼

X  

AD74111 Datasheet(PDF) 16 Page - Analog Devices

Part # AD74111
Description  Low Cost, Low Power Mono Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74111 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD74111 Datasheet HTML 12Page - Analog Devices AD74111 Datasheet HTML 13Page - Analog Devices AD74111 Datasheet HTML 14Page - Analog Devices AD74111 Datasheet HTML 15Page - Analog Devices AD74111 Datasheet HTML 16Page - Analog Devices AD74111 Datasheet HTML 17Page - Analog Devices AD74111 Datasheet HTML 18Page - Analog Devices AD74111 Datasheet HTML 19Page - Analog Devices AD74111 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
REV. 0
AD74111
–15–
DAC
DAC
ADC
ADC
1/
f
S
16 DCLKs
DFS
DIN
DOUT
Figure 24. Multiframe Sync 16-Bit Data Mode
Table III. Multiframe Sync Selection
CRD:9
CRD:3
CRC:2
MFS
DM/MM
DSP Mode
Operating Mode
Figure
10
0
16-Bit Data Mode
24
10
1
32-Bit Data Mode
22
11
0
16-Bit Mixed Mode
23
11
1
32-Bit Mixed Mode
21
Table IV. Control Register Map
Address (Binary)
Name
Description
Type
Width
Reset Setting
0 0 0 0
CRA
Control Register A
R/W
10
00h
0 0 0 1
CRB
Control Register B
R/W
10
00h
0 0 1 0
CRC
Control Register C
R/W
10
00h
0 0 1 1
CRD
Control Register D
R/W
10
08h or 09h
*
0 1 0 0
CRE
Control Register E
R/W
10
00h
0 1 0 1
CRF
Control Register F
R
10
00h
0 1 1 0
CRG
Control Register G
R/W
10
00h
*09h if DIN is low and 08h if DIN is high.
Table V. Control Word Descriptions
Bit
Field
Description
15
R/W
When this bit is high, the contents of the data field will be written to the register specified by the Address
Field. When this bit is low, a read of the register specified by the Address Field will occur at the next
sample interval; the contents of the Data Field are ignored.
14–11
Register Address
This 4-bit field is used to select one of the seven control registers of the AD74111.
10
Reserved
This bit is reserved and should always be programmed with zero.
9–0
Data Field
This 10-bit field holds the data that is to be written to or read from the register specified in the Address Field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com