Electronic Components Datasheet Search
  English  ▼

X  

AD73322LAST Datasheet(PDF) 10 Page - Analog Devices

Part # AD73322LAST
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322LAST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD73322LAST Datasheet HTML 6Page - Analog Devices AD73322LAST Datasheet HTML 7Page - Analog Devices AD73322LAST Datasheet HTML 8Page - Analog Devices AD73322LAST Datasheet HTML 9Page - Analog Devices AD73322LAST Datasheet HTML 10Page - Analog Devices AD73322LAST Datasheet HTML 11Page - Analog Devices AD73322LAST Datasheet HTML 12Page - Analog Devices AD73322LAST Datasheet HTML 13Page - Analog Devices AD73322LAST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
AD73322L
Rev. A | Page 9 of 48
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted.
Table 5.
Parameters
Ratings
AVDD, DVDD to GND
−0.3 V to +4.6 V
AGND to DGND
−0.3 V to +0.3 V
Digital I/O Voltage to DGND
−0.3 V to (DVDD + 0.3 V)
Analog I/O Voltage to AGND
−0.3 V to (AVDD + 0.3 V)
Operating Temperature Range
Industrial (A Version)
−40°C to +85°C
Extended (Y Version)
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
SOIC, θJA Thermal Impedance
71.4°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
LQFP, θJA Thermal Impedance
53.2°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
TSSOP, θJA Thermal Impedance
97.9°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the uman body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com