Electronic Components Datasheet Search
  English  ▼

X  

VS6552V015 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VS6552V015
Description  VGA Color CMOS Image Sensor Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6552V015 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VS6552V015 Datasheet HTML 2Page - STMicroelectronics VS6552V015 Datasheet HTML 3Page - STMicroelectronics VS6552V015 Datasheet HTML 4Page - STMicroelectronics VS6552V015 Datasheet HTML 5Page - STMicroelectronics VS6552V015 Datasheet HTML 6Page - STMicroelectronics VS6552V015 Datasheet HTML 7Page - STMicroelectronics VS6552V015 Datasheet HTML 8Page - STMicroelectronics VS6552V015 Datasheet HTML 9Page - STMicroelectronics VS6552V015 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
VS6552
6/26
3 FUNCTIONAL DESCRIPTION
The first sections of this chapter detail the main
blocks in the device:
■ Analog video block
■ Digital video block
The later sections of this chapter describe other
functional aspects of the device. Device level op-
erating modes, including suspend, are detailed
3.1 Analog Video Block
3.1.1 Features
■ ADC: 10-bit A/D converter - SRAM readout
■ Dynamic range 60 dB (typical)
■ SNR 37 dB @ 50 cd.m
2 (typical)
Figure 2. Analog Video Block
3.1.2 Analogue Block Diagram
The analog video block from Figure 4, consists of
a VGA resolution pixel array, power management
circuitry. The digital block provides all timing sig-
nals to drive the analog block.
Pixel voltage values are read out and digitized us-
ing the address decoders and column ADC
3.2 Digital Video Block
3.2.1 Features
■ Frame rate: 30 frame/s max. (VGA) can be
reduced down to less than 3 frame/s (VGA)
■ Automatic dark calibration to ensure consistent
video level over varying scenes
■ Fixed pattern noise (FPN) data gathering
■ Line and frame statistics gathering
■ On-chip Power-On-Reset cell
■ Single video output format: VGA 640 x 480
■ H - Scaler function to aid software only
viewfinder implementations
3.2.2 Dark Calibration Algorithm
VS6552 runs a dark calibration algorithm on the
raw image data to control the video offsets caused
by dark current. This ensures that a high quality
image is output over a range of operating condi-
tions. First frame dark level is correctly calibrated,
for subsequent frames the adjustment of the dark
level is damped by a leaky integrator function to
avoid possible frame to frame flicker.
VGA
pixel
array
Y address
Digital
logic
raw sensor data
Timing signals
Timing signals
Power
management
Column ADC
X-Address
SRAM readout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com