Electronic Components Datasheet Search
  English  ▼

X  

VT83C572 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VT83C572
Description  PCI TO USB CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT83C572 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VT83C572 Datasheet HTML 1Page - List of Unclassifed Manufacturers VT83C572 Datasheet HTML 2Page - List of Unclassifed Manufacturers VT83C572 Datasheet HTML 3Page - List of Unclassifed Manufacturers VT83C572 Datasheet HTML 4Page - List of Unclassifed Manufacturers VT83C572 Datasheet HTML 5Page - List of Unclassifed Manufacturers VT83C572 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT83C572 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT83C572 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT83C572 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VIA Technologies, Inc.
VT83C572
-1-
VIA VT83C572
PCI TO USB CONTROLLER
FEATURES
* Universal Serial Bus Interface
− USB specification v.1.0 compatible
− Intel UHCI (Universal Host Controller Interface) v.1.1 register compatible
− Legacy keyboard and PS2 mouse support
− Root hub and two down stream function ports
− Integrated physical layer transceivers
− Normal and low power operating mode
− Operable in both USB-aware (Windows-95 and NT) and USB legacy BIOS support
− Inter-operable with major USB peripherals
* PCI Interface
− PCI specification v.2.1 compliant
− Supports advanced PCI commands
− Multi-level data FIFOs with full scatter and gather capabilities
* 0.5um high speed low power CMOS process
* Single chip 100-pin PQFP device
VT83C572 CONFIGURATION REGISTERS
The VT83C572 PCI to USB controller is fully compatible with the UHCI specification v.1.1. There
are two sets of software accessible registers -- PCI configuration registers and USB I/O registers. The
USB I/O registers are defined in the UHCI v.1.1 specification.
PCI Configuration Registers
Offset
Function
1-0
Vendor ID : 1106h
(read only)
3-2
Device ID : 3038h
(read only)
5-4
Command Register
bit 15-8: reserved
bit 7:
Address stepping, default: enabled
bit 6-5:
reserved



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com