Electronic Components Datasheet Search
  English  ▼

X  

VSC7961W Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7961W
Description  3.125Gb/s PECL Limiting Amplifier with LOS Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7961W Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7961W Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7961W Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7961W Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7961W Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7961W Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7961W Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7961W Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7961W Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7961W Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7961
3.125Gb/s PECL Limiting Amplifier with LOS Detect
G52360-0, Rev 2.0
Page 3
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 3: Loss of Signal Specifications
Table 4: Loss of Signal Truth Table
Absolute Maximum Ratings(1)
Power Supply Voltage (VCC)............................................................................................................. -0.5V to +6V
Maximum Junction Temperature Range .........................................................................................................TBD
Storage Temperature Range (TS)................................................................................................. -55°C to +150°C
NOTE: (1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without caus-
ing permanent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
Recommended Operating Conditions
Positive Voltage Rail (VCC).................................................................................................................. 3.3V or 5V
Junction Temperature Range (TJ)................................................................................................ -40°C to +100°C
Ambient Temperature Range (TA)................................................................................................. -40°C to +85°C
Symbol
Parameter
Min
Typ
Max
Units
Conditions
HLOS
LOS Hystersis
3.1
3.3
5.5
dB
HLOS = 20 log (VTHD/VTHA)
ILOS
LOS Assert/Deassert Time
0.22
0.25
0.28
µs
VTHA
LOS Assert Threshold
8.2
mV
RTH = 2.5kΩ
12.8
19.8
21.8
mV
RTH = 7kΩ
57.2
mV
RTH = 20kΩ
VTHD
LOS Deassert Threshold
11.4
mV
RTH = 2.5kΩ
26.2
29.0
31.6
mV
RTH = 7kΩ
75.2
mV
RTH = 20kΩ
VLOSH
LOS Output HIGH Voltage
3.3
V
ILOS = –30µA
VLOSL
LOS Output LOW Voltage
0.168
V
ILOS = +1.2µA
SQUELCH
LOS
Output
High
Low
Off
Low
High
On
High
Low
On
Low
Low
On



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com