Electronic Components Datasheet Search
  English  ▼

X  

K2613 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # K2613
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSIII)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

K2613 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  K2613 Datasheet HTML 1Page - Toshiba Semiconductor K2613 Datasheet HTML 2Page - Toshiba Semiconductor K2613 Datasheet HTML 3Page - Toshiba Semiconductor K2613 Datasheet HTML 4Page - Toshiba Semiconductor K2613 Datasheet HTML 5Page - Toshiba Semiconductor K2613 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2613
2002-08-09
2
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±30 V, VDS = 0 V
¾
¾
±10
mA
Drain-source breakdown voltage
V (BR) GSS
IG = ±10 mA, VDS = 0 V
±30
¾
¾
V
Drain cut-OFF current
IDSS
VDS = 800 V, VGS = 0 V
¾
¾
100
mA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
1000
¾
¾
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
¾
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 4 A
¾
1.4
1.7
W
Forward transfer admittance
ïYfsï
VDS = 20 V, ID = 4 A
2.0
6.0
¾
S
Input capacitance
Ciss
¾
2000
¾
Reverse transfer capacitance
Crss
¾
30
¾
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
¾
200
¾
pF
Rise time
tr
¾
20
¾
Turn-ON time
ton
¾
40
¾
Fall time
tf
¾
30
¾
Switching time
Turn-OFF time
toff
¾
100
¾
ns
Total gate charge
(gate-source plus gate-drain)
Qg
¾
65
¾
Gate-source charge
Qgs
¾
40
¾
Gate-drain (“miller”) charge
Qgd
VDD ~- 400 V, VGS = 10 V, ID = 8 A
¾
25
¾
nC
Source-Drain Ratings and Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
¾
¾
¾
8
A
Pulse drain reverse current
(Note 1)
IDRP
¾
¾
¾
24
A
Forward voltage (diode)
VDSF
IDR = 8 A, VGS = 0 V
¾
¾
-1.9
V
Reverse recovery time
trr
¾
1600
¾
ms
Reverse recovery charge
Qrr
IDR = 8 A, VGS = 0 V,
dIDR/dt = 100 A/ms
¾
24
¾
mC
Marking
※
Type
K2613
※
Lot Number
Month (starting from alphabet A)
Year
(last number of the christian era)
Duty <= 1%, tw = 10 ms
0 V
10 V
VGS
RL = 100 W
VDD ~- 400 V
ID = 4 A
VOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com