Electronic Components Datasheet Search
  English  ▼

X  

DM05 Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # DM05
Description  miniature pcb power relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM05 Datasheet(HTML) 2 Page - Willow Technologies Ltd

  DM05 Datasheet HTML 1Page - Willow Technologies Ltd DM05 Datasheet HTML 2Page - Willow Technologies Ltd DM05 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering codes
Type
Contact Material
Contact
arrangement
Cover protection
and mounting
Coil code
D
M
0
5
-
-
5
-
Contact material
see Tables 1, & 2
10
-
AgCdO
30
-
AgSnO
2
Contact arrangement
11
-
SPDT (1C/O) (450mW Coil only)
21
-
SPST-NO (1 N/O)
Cover protection category
2
-
in cover, IP40
3
-
in cover, sealed - IP67
Connection mode
5
-
for PCB
Page 2 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DM05
miniature pcb power relay
Coil Data (at 20°C) 450mW Coil (SPST-NO / SPDT)
Table 1
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Power
Consumption
(mW)
Must Operate
Voltage max.
(VDC)
Must Release
Voltage min.
(VDC)
Max. Allowable
Voltage (VDC)
10031
3
20
450
2.25
0.15
3.3
1005
5
56
450
3.75
0.25
5.5
1006
6
80
450
4.50
0.30
6.6
1009
9
180
450
6.75
0.45
9.9
1012
12
320
450
9.00
0.60
13.2
1024
24
1280
450
18.00
1.20
26.4
Ref: DM05 090314JHM
Coil Data (at 20°C) 200mW Coil (SPST-NO only)
Table 2
Coil Voltage Code
Nominal Voltage
(VDC)
Coil Resistance
(Ω) ±10%
Power
Consumption
(mW)
Must Operate
Voltage max.
(VDC)
Must Release
Voltage min.
(VDC)
Max. Allowable
Voltage (VDC)
S0031
3
45
200
2.25
0.15
3.3
S005
5
125
200
4.00
0.25
5.5
S006
6
180
200
4.80
0.30
6.6
S009
9
405
200
7.20
0.45
9.9
S012
12
720
200
9.60
0.60
13.2
S024
24
2880
200
19.2
1.20
26.4
1
3VDC coils not UL approved.
Specifications are subject to change without notice. E&OE.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com