Electronic Components Datasheet Search
  English  ▼

X  

KD44CF Datasheet(PDF) 2 Page - Willow Technologies Ltd

Part # KD44CF
Description  DC Solid-State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

KD44CF Datasheet(HTML) 2 Page - Willow Technologies Ltd

  KD44CF Datasheet HTML 1Page - Willow Technologies Ltd KD44CF Datasheet HTML 2Page - Willow Technologies Ltd KD44CF Datasheet HTML 3Page - Willow Technologies Ltd KD44CF Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KD44CF 2
SPECIFICATIONS ARE SUBjECT TO CHANGE WITHOUT NOTICE
© 2008 TELEDYNE RELAYS
KD44CF\032008\Q1
Series KD44CF
BLOCK DIAGRAM
OUTPUT (LOAD) SPECIFICATIONS
(See Note 2, 3 & 6)
Min
Typ Max Units
Turn-Off Time (See Fig. 6)
1
ms
Turn-On Time (See Fig. 6)
5
ms
Output Capacitance, 25 Vdc, 100 KHz
1000
pF
Input to Output Capacitance
15
pF
Dielectric Strength
1000
Vac
Insulation Resistance @ 500 Vdc
109
Ohm
Output junction Temperature
130
°C
@ I
LOAD = maximum rated current
Thermal Resistance junction to Ambient(θ
jA)
30
°C/W
Thermal Resistance junction to Case(θ
jC)
10
°C/W
STATUS OUTPUT SPECIFICATIONS
Min
Typ Max Units
Status Supply Voltage
32
Vdc
Status Leakage Current 15 Vdc
4
µA
Status On Voltage @ 15 mA
0.4
Vdc
STATUS OUTPUT TRUTH TABLE
Status Output State
Control Input
Output (Load) State
Off (High)
Low
On
On (Low)
Low
Tripped
Off (High)
High
Off
On (Low)
High
Relay Malfunction
ENVIRONMENTAL SPECIFICATIONS
Min
Typ Max Units
Temperature Range
Operating
-55
+95
°C
Storage
-55
+125
°C
Vibration (10–3000 Hz)
100
g
Constant Acceleration
5000
g
Shock, 0.5 ms
1500
g
Enclosure:
Hermetically Sealed DIP
Leak Rate:
1 x 10-8 CC/Sec Maximum
Material: Header: Cold Rolled Steel
Nickel Plated
Pins:
Copper Core
Weight:
20 grams
Tolerance:
XXX = ± .005
DIMENSIONS ARE SHOWN IN INCHES (MILLI-
METERS)
PIN-OUTS
PIN NO.
FUNCTION
1
CONTROL
3
GND
9
-V (OUT)
12
+V (OUT)
16
TRIP
22
BIAS
MECHANICAL SPECIFICATIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com