Electronic Components Datasheet Search
  English  ▼

X  

CD00CFY Datasheet(PDF) 4 Page - Willow Technologies Ltd

Part # CD00CFY
Description  DC Solid-State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

CD00CFY Datasheet(HTML) 4 Page - Willow Technologies Ltd

  CD00CFY Datasheet HTML 1Page - Willow Technologies Ltd CD00CFY Datasheet HTML 2Page - Willow Technologies Ltd CD00CFY Datasheet HTML 3Page - Willow Technologies Ltd CD00CFY Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CD 44
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2002 TELEDYNE RELAYS
CD\072002\Q1
NOTES:
1.
Control input is compatible with CMOS or open collector
TTL (with pull up resistor).
2.
The rated input voltage is 5V for all tests unless otherwise
specified.
3.
Transient blocking voltage tests are performed per
MIL-STD-704 (28 Vdc systems).
4.
For bias voltages above 6V, a series resistor is required.
Use the standard resistor value equal to or less than the
value found from Figure 8.
5.
To calculate the maximum ON resistance for a given
junction temperature, find the normalized ON resistance
factor (NR) from Figure 4. Calculate the new ON
resistance as follows:
(CD00CD, CD01CD) R
(ON) = NR • RON @ 25°C
(CD20CD, CD21CD) R
(ON) = 0.2 • NR + 0.21
6.
Overload testing to the requirements of MIL-PRF-28750 is
constrained to the limits imposed by the short circuit
protection characteristics as defined in this specification.
System series inductance for “shorted-load” mode of
operation should be 30 µH maximum. Maximum repetition
rate into a shorted load should not exceed 10 Hz.
7.
A status pull up resistor is required for proper operation of
the status output. Determine the current (Iso) required by
the status interface. Calculate the current (Is) through the
status resistor such that the sink current through the
status output is 2 mA. Select the status resistor such that
it does not allow more than 2 mA to flow through the
status output.
R
STATUS
=
V
STATUS - 0.3V
2 mA - Iso
8.
Inductive loads should be diode suppressed. Input
transitions should be ≤ 1 ms duration and the input drive
should be a bounceless contact type.
SERIES LIMIT BIAS RESISTOR VS BIAS VOLTAGE
FIGURE 8 (SEE NOTE 4)
TRIP CURRENT VS TIME
FIGURE 7 (SEE NOTE 6)
OUTPUT TURN-ON AND TURN-OFF TIMING
FIGURE 5
NORMALIZED ON RESISTANCE VS JUNCTION
TEMPERATURE
FIGURE 4 (SEE NOTE 5)
Series CD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com