Electronic Components Datasheet Search
  English  ▼

X  

10ELS1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 10ELS1
Description  FRD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

10ELS1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  10ELS1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 10ELS1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:0.17g
Rating
Symbol
10ELS1
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
Non-repetitive Peak Reverse Voltage
VRSM
250
V
Average Rectified
Output Current
P.C.Board
Mounted
∗
IO
1
Ta=26
°C Half Sine Wave Resistive Load
A
RMS Forward Current
IF(RMS)
1.57
A
Surge Forward Current
IFSM
30
Half Sine Wave,1cycle,Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min
Typ
Max
Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
10
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 1 A
-
-
1.1
V
Reverse Recovery Time
trr
IFM= 1 A, -di/dt= 50 A/
µs, Ta= 25°C
-
-
150
ns
Thermal Resistance
Rth(j-a) Without Fin or P.C.Board*
-
-
100
°C/W
∗:L=3mm, Print Lands = 7x7 mm,Both Sides
FRD
T
T
T
Type :
ype :
ype :
ype :
10ELS
10ELS
10ELS
10ELS1111
FEATURES
* Miniature Size
* Fast Recovery and Low Price
* High Surge Capability
* 100volts trough 600volts Types Available
* 26mm and 52mm Inside Tape Spacing


Similar Part No. - 10ELS1

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
10ELS1 EIC-10ELS1 Datasheet
98Kb / 2P
FAST RECOVERY DIODE
More results

Similar Description - 10ELS1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
10ERA60 NIEC-10ERA60 Datasheet
37Kb / 5P
FRD
logo
List of Unclassifed Man...
10DF2 ETC-10DF2 Datasheet
24Kb / 2P
FRD
15DF4 ETC-15DF4 Datasheet
24Kb / 2P
FRD
logo
Nihon Inter Electronics...
TCU20A60-11A NIEC-TCU20A60-11A Datasheet
185Kb / 1P
FRD
logo
National Instruments Co...
PD100F12 NI-PD100F12_15 Datasheet
207Kb / 2P
FRD
PD300F12 NI-PD300F12_15 Datasheet
150Kb / 2P
FRD
PH270F2 NI-PH270F2_15 Datasheet
156Kb / 2P
FRD
PH270F6 NI-PH270F6_15 Datasheet
181Kb / 2P
FRD
TCU20A20-11A NI-TCU20A20-11A_15 Datasheet
140Kb / 1P
FRD
TCU20A60-11A NI-TCU20A60-11A_15 Datasheet
185Kb / 1P
FRD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com