Electronic Components Datasheet Search
  English  ▼

X  

A25F60 Datasheet(PDF) 5 Page - International Rectifier

Part # A25F60
Description  STANDARD RECOVERY DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

A25F60 Datasheet(HTML) 5 Page - International Rectifier

  A25F60 Datasheet HTML 1Page - International Rectifier A25F60 Datasheet HTML 2Page - International Rectifier A25F60 Datasheet HTML 3Page - International Rectifier A25F60 Datasheet HTML 4Page - International Rectifier A25F60 Datasheet HTML 5Page - International Rectifier A25F60 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
25F(R) Series
5
Bulletin I2018 rev. B 09/98
www.irf.com
Fig. 3 - Forward Power Loss Characteristics
0
25
50
75
100
125
150
175
Maximum Allowable Ambient Temperature (°C)
3
K
/W
4 K
/W
6
K/W
8 K
/W
12 K/W
20 K/W
40 K/W
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
Average Forward Current (A)
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
25F(R) Series
T = 175°C
J
Fig. 4 - Forward Power Loss Characteristics
0
25
50
75
100
125
150
175
Maximum Allowable Ambient Temperature (°C)
2
K/
W
3
K/W
4 K/
W
6
K/W
12 K/W
8 K/
W
20 K/W
40 K/W
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
35
40
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
25F(R) Series
T = 175°C
J
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
50
100
150
200
250
300
350
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 175°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
25F(R) Series
0
50
100
150
200
250
300
350
400
0.01
0.1
1
10
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Initial T = 175°C
No Voltage Reapplied
Rated V
Reapplied
Versus Pulse Train Duration.
J
RRM
25F(R) Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com