Electronic Components Datasheet Search
  English  ▼

X  

IDS-322 Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IDS-322
Description  Industrial 2 secure serial port to Ethernet device server
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IDS-322 Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IDS-322 Datasheet HTML 1Page - ORing Industrial Networking Corp IDS-322 Datasheet HTML 2Page - ORing Industrial Networking Corp IDS-322 Datasheet HTML 3Page - ORing Industrial Networking Corp IDS-322 Datasheet HTML 4Page - ORing Industrial Networking Corp IDS-322 Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
Introduction
Features
Operating Modes: Virtual Com, Serial Tunnel, TCP Server,
TCP Client, UDP
Support 2xRS-232/422/485 in DB9 connector
Redundant multiple host devices:
5 host devices: Virtual COM, TCP Server, TCP Client mode;
4 IP ranges: UDP
Security: SSL data encryption; secured management by
HTTPS and SSH: IP Access: IP White List
Event Warning by Syslog, Email and SNMP trap
Configurable by Web-based and Windows utility (DS-Tool)
Various Windows O.S. supported:
Windows NT/2000/ XP/ 2003/VISTA(32/64bit)/ Windows 7(32/64bit)
Ethernet switch mode enable Daisy Chain
1KV isolation for PoE PD port (802.3af)
IDS-322 is an innovative secure 2 port RS-232/422/485 to 2 ports LAN secure device server with standard features of
device server, such like TCP/IP interface and versatile operation modes: Virtual Com, Serial Tunnel, TCP Server, TCP Client,
and UDP. In addition, the Windows untility, DS-Tool, could configure multiple devices and set up the mappings of Virtual
Com. On the other hand, IDS-322 can simultaneously transfer data up to 5 redundant host PCs to aovid Ethernet
connection breakdown or any host PC fails. Further, IDS-322 features HTTPS, SSH, and SSL encryption to assure the
security of critical data transmission.
IDS-322 supports RS-232/422/485 and provides dual redundant power inputs, 12~48 VDC, on terminal block to
guarantee a non-stop operation. Further, IDS-322 features PoE PD (Power Device) function, compliant with IEEE802.3af
standard, with 1kv isolation on the PoE port. With wide operating temperature, -40~70oC, and rugged IP-30 housing
design, IDS-322 series could operate in the harsh industrial environment. Therefore, IDS-322 is the best solution to the
high demand of secure serial to Ethernet critical data communication.
IDS-322(+)
Industrial 2 secure serial port to Ethernet device
server with 2xRS-232/422/485 and
2x10/100Base-T(X)


Similar Part No. - IDS-322

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS-3221W ADVANTECH-IDS-3221W Datasheet
500Kb / 2P
21.5 FHD Panel Mount Monitor
24-Jul-2020
IDS-3221WG-25FHA1E ADVANTECH-IDS-3221WG-25FHA1E Datasheet
500Kb / 2P
21.5 FHD Panel Mount Monitor
24-Jul-2020
IDS-3221WP-25FHA1E ADVANTECH-IDS-3221WP-25FHA1E Datasheet
500Kb / 2P
21.5 FHD Panel Mount Monitor
24-Jul-2020
IDS-3221WR-25FHA1E ADVANTECH-IDS-3221WR-25FHA1E Datasheet
500Kb / 2P
21.5 FHD Panel Mount Monitor
24-Jul-2020
More results

Similar Description - IDS-322

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IDS-242GT-I ORING-IDS-242GT-I Datasheet
1Mb / 4P
Industrial 4-port secure serial to Ethernet device server
IDS-312L ORING-IDS-312L Datasheet
277Kb / 4P
Industrial secure serial port to Ethernet device server
IDS-342 ORING-IDS-342 Datasheet
389Kb / 5P
Industrial 4 secure serial port to Ethernet device server
IDS-342GT ORING-IDS-342GT Datasheet
398Kb / 5P
Industrial 4-port secure serial to Ethernet device server
IDS-1112 ORING-IDS-1112 Datasheet
1Mb / 4P
Industrial 1 secure serial port to 802.11b/g wireless device server
RDS-3086G ORING-RDS-3086G Datasheet
257Kb / 4P
Industrial 8 secure serial ports to Ethernet device server
RDS-3166G ORING-RDS-3166G Datasheet
261Kb / 4P
Industrial 16 secure serial ports to Ethernet device server
TDS-5041-I-M12 ORING-TDS-5041-I-M12 Datasheet
1Mb / 4P
Industrial 4-port secure serial to Ethernet device server
logo
Black Box Registered Tr...
ES-257 BLACKBOX-ES-257 Datasheet
1Mb / 4P
ES-257 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS232
ES-313 BLACKBOX-ES-313 Datasheet
541Kb / 4P
ES-313 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com