Electronic Components Datasheet Search
  English  ▼

X  

IDS-342 Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # IDS-342
Description  Industrial 4 secure serial port to Ethernet device server
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IDS-342 Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  IDS-342 Datasheet HTML 1Page - ORing Industrial Networking Corp IDS-342 Datasheet HTML 2Page - ORing Industrial Networking Corp IDS-342 Datasheet HTML 3Page - ORing Industrial Networking Corp IDS-342 Datasheet HTML 4Page - ORing Industrial Networking Corp IDS-342 Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
Specifications
ORing Device Server Model
IDS-342
IDS-342+
Physical Ports
10/100 Base-T(X) Ports in RJ45
Auto MDI/MDIX
2
P.O.E.
P.O.E.Present at ETH1
Power Device (IEEE 802.3af):
IEEE 802.3af compliant input interface
Over load & short circuit protection
Isolation Voltage: 1000 VDC min.
Isolation Resistance : 108 ohms min
Serial Ports
Connector
DB9 x 4
Operation Mode
RS-232/422/485
Serial Baud Rate
110 bps to 460.8 Kbps
Data Bits
7, 8
Parity
odd, even, none, mark, space
Stop Bits
1, 1.5, 2
RS-232
TxD, RxD, RTS, CTS, DTR, DSR, DCD, RI, GND
Flow Control
XON/XOFF, RTS/CTS, DTR/DSR
Network Protocol
Protocol
ICMP, IP, TCP, UDP, DHCP, BOOTP, SSH, DNS, SNMP V1/V2c, HTTPS, SMTP
LED indicators
Power indicator
3 x LEDs, PWR 1(2)(PoE) / Ready:
Green On: Power is on
10/100TX RJ45 port indicator
Green for port Link/Act at 100Mbps.
Serial TX / RX LEDs:
Amber: Serial port is receiving data
Green: Serial port is transmitting data
Power
Redundant Input power
Dual DC inputs. 12-48VDC on 6-pin terminal block
Dual DC inputs. 12-48VDC on 6-pin terminal block
IEEE 802.3af PoE PD (Eth 1)
Power consumption (Typ.)
4.32W
Overload current protection
Present
Reverse polarity protection
Present on terminal block
Physical Characteristic
Enclosure
IP-30
Dimension (W x D x H)
66 (W) x 81 (D) x 95 (H) mm
Weight (g)
375g
384g
Environmental
Storage Temperature
-40 to 85oC (-40 to 185oF)
Operating Temperature
-40 to 70oC (-40 to 158oF)
Operating Humidity
5% to 95% Non-condensing
Regulatory approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS),
EN61000-4-8, EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5 years



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com