Electronic Components Datasheet Search
  English  ▼

X  

GTDASPA1.13 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # GTDASPA1.13
Description  Architectural lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GTDASPA1.13 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button GTDASPA1.13 Datasheet HTML 12Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 13Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 14Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 15Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 16Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 17Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 18Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 19Page - OSRAM GmbH GTDASPA1.13 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
2017-06-13
16
Version 1.1
GT DASPA1.13
Tape dimensions [mm]
Gurtmaße [mm]
Tape dim ensi ons in m m
Reel dimensions [mm]
Rollenmaße [mm]
Reel dim ensi ons in m m
Tape and Reel
Gurtverpackung
12 mm tape with 600 pcs. on ∅ 180 mm reel
W
P0
P1
P2
D0
E
F
12 + 0.3 / - 0.1 4 ± 0.1
4 ± 0.1
or
8 ± 0.1
2 ± 0.05
1.5 ± 0.1
1.75 ± 0.1
5.5 ± 0.05
A
W
Nmin
W1
W2max
180
12
60
12.4 + 2
18.4
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com