Electronic Components Datasheet Search
  English  ▼

X  

GYDASPA1.23 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GYDASPA1.23
Description  Accent and effect lighting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GYDASPA1.23 Datasheet(HTML) 1 Page - OSRAM GmbH

  GYDASPA1.23 Datasheet HTML 1Page - OSRAM GmbH GYDASPA1.23 Datasheet HTML 2Page - OSRAM GmbH GYDASPA1.23 Datasheet HTML 3Page - OSRAM GmbH GYDASPA1.23 Datasheet HTML 4Page - OSRAM GmbH GYDASPA1.23 Datasheet HTML 5Page - OSRAM GmbH GYDASPA1.23 Datasheet HTML 6Page - OSRAM GmbH GYDASPA1.23 Datasheet HTML 7Page - OSRAM GmbH GYDASPA1.23 Datasheet HTML 8Page - OSRAM GmbH GYDASPA1.23 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2017-04-05
1
2017-04-05
DURIS
® P 5
Datasheet
Version 1.5
GY DASPA1.23
High-efficacy mid-power LED with long lifetimes also
at high currents and high junction temperatures.
Hocheffiziente LED mittlerer Leistungsklasse mit
langer Lebensdauer auch bei hohen Strömen und
hohen Sperrschichttemperaturen.
Features:
Besondere Merkmale:
•
Package: SMT package
•
Gehäusetyp: SMT Gehäuse
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: 593 nm (yellow)
•
Farbe: 593 nm (gelb)
•
Luminous Flux: typ. 17 lm
•
Lichtstrom: typ. 17 lm
•
Luminous efficacy: typ. 79 lm/W
•
Lichtausbeute: typ. 79 lm/W
Applications
Anwendungen
•
Architectural lighting
•
Architekturbeleuchtung
•
Accent and effect lighting
•
Akzent- und Effektbeleuchtung
•
Room lighting: ceiling light, cove lighting,
chandeliers, pendants, sconces
•
Raumbeleuchtung: Deckenbeleuchtung,
Nischenbeleuchtung, Kronleuchter,
Hängeleuchten, Wandleuchter
•
Channel letters
•
Leuchtlettern
•
Linear lights
•
Linearbeleuchtung


Similar Part No. - GYDASPA1.23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23-FSFU-35-FH OSRAM-GYDASPA2.23-FSFU-35-FH Datasheet
1Mb / 21P
OSCONIQ P 2226
More results

Similar Description - GYDASPA1.23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GRCS8PM1.23 OSRAM-GRCS8PM1.23 Datasheet
763Kb / 22P
Accent and effect lighting
GRCSHPM1.23 OSRAM-GRCSHPM1.23 Datasheet
951Kb / 22P
Accent and effect lighting
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
Automotive Lighting Interior and Exterior
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
Automotive Lighting Interior and Exterior
KPCSLPM1.F1 OSRAM-KPCSLPM1.F1 Datasheet
807Kb / 24P
Stage and Entertainment Lighting
GWCS8PM1.PM OSRAM-GWCS8PM1.PM Datasheet
2Mb / 25P
Accent and effect lighting
GWP7STA2.PM OSRAM-GWP7STA2.PM Datasheet
1Mb / 23P
Street and tunnel lighting
KRDMLN31.23 OSRAM-KRDMLN31.23 Datasheet
676Kb / 22P
Architectural Lighting indoor and outdoor
logo
Littelfuse
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com