Electronic Components Datasheet Search
  English  ▼

X  

LCBTVSG Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LCBTVSG
Description  Automotive Interior Lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBTVSG Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LCBTVSG Datasheet HTML 2Page - OSRAM GmbH LCBTVSG Datasheet HTML 3Page - OSRAM GmbH LCBTVSG Datasheet HTML 4Page - OSRAM GmbH LCBTVSG Datasheet HTML 5Page - OSRAM GmbH LCBTVSG Datasheet HTML 6Page - OSRAM GmbH LCBTVSG Datasheet HTML 7Page - OSRAM GmbH LCBTVSG Datasheet HTML 8Page - OSRAM GmbH LCBTVSG Datasheet HTML 9Page - OSRAM GmbH LCBTVSG Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
2015-07-22
6
Version 1.0
LCB TVSG
Color Chromaticity Groups 2) page 23
Farbortgruppen 2) Seite 23
Chromaticity Coordinate Groups 2) page 23
Farbortgruppen 2) Seite 23
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
2J
0.1784
0.2122
2K
0.1696
0.2132
2L
0.1637
0.2139
0.1823
0.2280
0.1735
0.2290
0.1677
0.2296
0.1842
0.2116
0.1784
0.2122
0.1696
0.2132
0.1882
0.2273
0.1823
0.2280
0.1735
0.2290
3J
0.1823
0.2280
3K
0.1735
0.2290
3L
0.1677
0.2296
0.1862
0.2437
0.1775
0.2447
0.1716
0.2454
0.1882
0.2273
0.1823
0.2280
0.1735
0.2290
0.1921
0.2431
0.1862
0.2437
0.1775
0.2447
4J
0.1862
0.2437
4K
0.1775
0.2447
4L
0.1716
0.2454
0.1902
0.2595
0.1814
0.2605
0.1756
0.2611
0.1921
0.2431
0.1862
0.2437
0.1775
0.2447
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
2J
3J
4J
5J
6J
7J
8J
2K
3K
4K
5K
6K
7K
8K
2L
3L
4L
5L
6L
7L
8L
0,190
0,210
0,230
0,250
0,270
0,290
0,310
0,330
0,080
0,100
0,120
0,140
0,160
0,180
0,200
0,220
0,240
0,260
0,280
Cy
Cx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com