Electronic Components Datasheet Search
  English  ▼

X  

LOT66F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LOT66F
Description  Signal and Symbol Luminary
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOT66F Datasheet(HTML) 1 Page - OSRAM GmbH

  LOT66F Datasheet HTML 1Page - OSRAM GmbH LOT66F Datasheet HTML 2Page - OSRAM GmbH LOT66F Datasheet HTML 3Page - OSRAM GmbH LOT66F Datasheet HTML 4Page - OSRAM GmbH LOT66F Datasheet HTML 5Page - OSRAM GmbH LOT66F Datasheet HTML 6Page - OSRAM GmbH LOT66F Datasheet HTML 7Page - OSRAM GmbH LOT66F Datasheet HTML 8Page - OSRAM GmbH LOT66F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2016-11-03
1
2016-11-03
TOPLED Black
Datasheet
Version 2.3 (OS-PCN-2016-025-A)
LO T66F
TOPLED Black is especially designed for variable
message signs (VMS) and price changers. The black
package offers premium contrast for display panels.
TOPLED Black ist speziell für den Einsatz in
elektronischen Textanzeigen (VMS) und
Preisanzeigen entwickelt worden. Das schwarze
Gehäuse bietet exzellenten Kontrast für den Einsatz in
Displays.
Features:
Besondere Merkmale:
•
Package: black PLCC-2 package, colorless resin
•
Gehäusetyp: schwarzes PLCC-2 Gehäuse,
farbloser Verguss
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: 55°
•
Abstrahlwinkel bei 50 % I
V: 55°
•
Color: orange (606 nm)
•
Farbe: orange (606 nm)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Information Displays
•
Informationsanzeigen
•
Signaling
•
Signalanlagen
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Variable Message Signs (VMS)
•
Wechselanzeigen (VMS)


Similar Part No. - LOT66F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOT64F OSRAM-LOT64F Datasheet
2Mb / 24P
Information Displays
LOT64F-BBDB-24-1 OSRAM-LOT64F-BBDB-24-1 Datasheet
2Mb / 16P
TOPLED Black Series Black package with lens, enhanced Thinfilm LED
LOT670 OSRAM-LOT670 Datasheet
442Kb / 19P
Automotive Interior Lighting
logo
Siemens Semiconductor G...
LOT670-HK SIEMENS-LOT670-HK Datasheet
496Kb / 8P
TOPLED
LOT670-J SIEMENS-LOT670-J Datasheet
496Kb / 8P
TOPLED
More results

Similar Description - LOT66F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRVH9F-P2R1-1 OSRAM-LRVH9F-P2R1-1 Datasheet
684Kb / 21P
Signal and Symbol Luminary
LRY8SF-U1V2-1 OSRAM-LRY8SF-U1V2-1 Datasheet
494Kb / 21P
Signal and Symbol Luminary
LTQH9G-Q2OO-25-2Z4Y OSRAM-LTQH9G-Q2OO-25-2Z4Y Datasheet
730Kb / 21P
Signal and Symbol Luminary
LTVH9G-Q2OO-25-1 OSRAM-LTVH9G-Q2OO-25-1 Datasheet
694Kb / 21P
Signal and Symbol Luminary
LUWCRBP-LXLZ-G4J4-1 OSRAM-LUWCRBP-LXLZ-G4J4-1 Datasheet
990Kb / 22P
Signal and Symbol Luminary
LYCKBP-JYKX-46-1 OSRAM-LYCKBP-JYKX-46-1 Datasheet
932Kb / 21P
Signal and Symbol Luminary
LRT64F OSRAM-LRT64F Datasheet
2Mb / 24P
Signal and Symbol Luminary
LRT67D OSRAM-LRT67D Datasheet
756Kb / 20P
Signal and Symbol Luminary
LRY8SF OSRAM-LRY8SF Datasheet
494Kb / 21P
Signal and Symbol Luminary
LVT6SG OSRAM-LVT6SG Datasheet
695Kb / 24P
Signal and Symbol Luminary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com