Electronic Components Datasheet Search
  English  ▼

X  

AD9748 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9748
Description  8-Bit, 165 MSPS TxDAC D/A Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9748 Datasheet(HTML) 5 Page - Analog Devices

  AD9748 Datasheet HTML 1Page - Analog Devices AD9748 Datasheet HTML 2Page - Analog Devices AD9748 Datasheet HTML 3Page - Analog Devices AD9748 Datasheet HTML 4Page - Analog Devices AD9748 Datasheet HTML 5Page - Analog Devices AD9748 Datasheet HTML 6Page - Analog Devices AD9748 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
REV. PrA
PRELIMINARY TECHNICAL DATA
AD9748
–5–
PIN CONFIGURATION
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
27
DB7
Most Significant Data Bit (MSB)
28-32, 1
DB6–DB1
Data Bits 6-1
2
DB0
Least Significant Data Bit (LSB)
25
SLEEP
Power-Down Control Input. Active high. Contains active pull-down circuit; it may be left
unterminated if not used.
23
REFIO
Reference Input/Output. Serves as reference input when internal reference disabled (i.e., tie REFLO
to AVDD). Serves as 1.2 V reference output when internal reference activated (i.e., tie REFLO to
AGND). Requires 0.1 µF capacitor to AGND when internal reference activated.
24
FS ADJ
Full-Scale Current Output Adjust
4-9
NC
No Internal Connection
19, 22
ACOM
Analog Common
20
IOUTB
Complementary DAC Current Output. Full-scale current when all data bits are 0s.
21
IOUTA
DAC Current Output. Full-scale current when all data bits are 1s.
17, 18
AVDD
Analog Supply Voltage (3.3 V)
15
MODE2
Selects Input Data Format. Connect to CLKGND for straight binary, CLKVDD for two’s complement.
16
MODE1
Clock Mode Selection. Connect to CLKGND for single ended clock receiver (drive clk+ and float
clk-). Connect to CLKVDD for differential receiver. Float for PECL receiver (terminations
on-chip).
10, 26
DCOM
Digital Common
3
DVDD
Digital Supply Voltage (3.3 V)
12
CLK+
Differential Clock Input.
13
CLK-
Differential Clock Input.
11
CLKVDD
Clock Supply Voltage (3.3 V)
14
CLKCOM
Clock Common
PIN 1
INDICATOR
TOP VIEW
24 FSADJ
23 REFIO
22 ACOM
21 IOUTA
DB1 1
(LSB) DB0 2
DVDD 3
20 IOUTB
19 ACOM
18 AVDD
17 AVDD
NC 4
NC 5
NC 6
NC 7
NC 8
AD9748



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com