Electronic Components Datasheet Search
  English  ▼

X  

NTE1925 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1925
Description  3 Terminal Negative Voltage Regulator -18V, 1.5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1925 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1925 Datasheet HTML 1Page - NTE Electronics NTE1925 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (0
° ≤ TJ ≤ +125°C, VIN = –27V, IO = 0.5Aunless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Bias Current
IB
TJ = +25°C
–
4.5
8.0
mA
Input Bias Current Change
IB
–38V
≤ VIN ≤ –27V
–
–
1.0
mA
5mA
≤ IO ≤ 1.5A
–
–
0.5
mA
Output Noise Voltage
Vn
TA = +25°C, f = 10Hz to 100kHz
–
170
–
µV
Ripple Rejection Ratio
RR
IO = 20mA, f = 120Hz
–
56
–
dB
Dropout Voltage
TJ = +25°C, IO = 1A
–
2.0
–
V
Peak Output Current
IOmax
TJ = +25°C
1.3
2.5
3.3
A
Average Temperature
Coefficient of Output
Voltage
IO = 5mA
–
–1.0
–
mV/
°C
Note 2. Load and line regulation are specified at constant junction temperature. Change in VO due
to heating effects must be taken into account separately. Pulse testing with low duty cycle is
used.
1.187 (30.16)
.875 (22.2)
Dia Max
.665
(16.9)
.430
(10.92)
Seating Plane
.040 (1.02)
.312 (7.93) Min
.135 (3.45) Max
.350 (8.89)
VOUT
VIN/Case
GND
.215 (5.45)
.525 (13.35) R Max
.156 (3.96) Dia
(2 Holes)
.188 (4.8) R Max



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com