Electronic Components Datasheet Search
  English  ▼

X  

FR151 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # FR151
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

FR151 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  FR151 Datasheet HTML 1Page - PACELEADER INDUSTRIAL FR151 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Fast switching
* Low leakage
* Low forward voltage drop
* High current capability
* High current surge
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FR151 THRU FR157
DO-15
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
SYMBOL FR151 FR152 FR153 FR154 FR155 FR155P FR156 FR157 FR157P
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
600
800
1000
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
420
560
700
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
600
800
1000
1000
Volts
Maximum Average Forward Rectified Current
at TA=75℃
IO
1.5
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
60
Amps
Typical Thermal Resistance
RΘJA
45
℃/W
RΘJL
25
Typical Junction Capacitance (Note 2)
CJ
40
P
F
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
CHARACTERISTICS
SYMBOL FR151 FR152 FR153 FR154 FR155 FR155P FR156 FR157 FR157P
UNIT
Forward Voltage Range at 1.5A DC
VF
1.3
Volts
Maximum Average Reverse Current at
Rated DC Blocking Voltage TA=25℃
IR
5.0
μAmps
Maximum Full Load Reverse Current Full Cycle
Average, .375” (9.5mm) lead length at TL = 55℃
100
μAmps
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
150
500
250
nS
NOTES :1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
1
www.paceleader.tw
FAST RECOVERY RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
Pb-Free package is available
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
Polarity : Indicated by cathode band


Similar Part No. - FR151

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
1.5A FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
FR151 ZOWIE-FR151 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR151 RECTRON-FR151 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Jinan Gude Electronic D...
FR151 JGD-FR151 Datasheet
136Kb / 2P
1.5 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR151 BYTES-FR151 Datasheet
152Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - FR151

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KB151 DAESAN-KB151 Datasheet
225Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151G DAESAN-FR151G Datasheet
315Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER15X DAESAN-HER15X Datasheet
285Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151 DAESAN-RL151 Datasheet
309Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151G DAESAN-RL151G Datasheet
316Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
W005M DAESAN-W005M Datasheet
206Kb / 2P
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
logo
Chenmko Enterprise Co. ...
1N5391PT CHENMKO-1N5391PT Datasheet
75Kb / 2P
VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.5 Amperes
logo
WILLAS ELECTRONIC CORP
RB15 WILLAS-RB15 Datasheet
275Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com