Electronic Components Datasheet Search
  English  ▼

X  

AT49BV802AT Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT49BV802AT
Description  8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV802AT Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT49BV802AT Datasheet HTML 16Page - ATMEL Corporation AT49BV802AT Datasheet HTML 17Page - ATMEL Corporation AT49BV802AT Datasheet HTML 18Page - ATMEL Corporation AT49BV802AT Datasheet HTML 19Page - ATMEL Corporation AT49BV802AT Datasheet HTML 20Page - ATMEL Corporation AT49BV802AT Datasheet HTML 21Page - ATMEL Corporation AT49BV802AT Datasheet HTML 22Page - ATMEL Corporation AT49BV802AT Datasheet HTML 23Page - ATMEL Corporation AT49BV802AT Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20
AT49BV802A(T)
3405C–FLASH–9/04
Program Cycle Waveforms
Sector or Chip Erase Cycle Waveforms
Notes:
1. OE must be high only when WE and CE are both low.
2. For chip erase, the address should be 555. For sector erase, the address depends on what sector is to be erased.
(See note 3 under “Command Definitions in Hex” on page 11.)
3. For chip erase, the data should be 10H, and for sector erase, the data should be 30H.
Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
t
BP
Byte/Word Programming Time
12
200
µs
t
AS
Address Setup Time
0ns
t
AH
Address Hold Time
35
ns
t
DS
Data Setup Time
35
ns
t
DH
Data Hold Time
0ns
t
WP
Write Pulse Width
35
ns
t
WPH
Write Pulse Width High
35
ns
t
WC
Write Cycle Time
70
ns
t
RP
Reset Pulse Width
500
ns
t
EC
Chip Erase Cycle Time
13
seconds
t
SEC1
Sector Erase Cycle Time (4K Word Sectors)
0.3
3.0
seconds
t
SEC2
Sector Erase Cycle Time (32K Word Sectors)
1.0
5.0
seconds
t
ES
Erase Suspend Time
15
µs
t
PS
Program Suspend Time
10
µs
OE
PROGRAM CYCLE
INPUT
DATA
ADDRESS
A0
55
555
555
AA
AAA
tBP
tWPH
tWP
CE
WE
A0 - A18
DATA
tAS
tAH
tDH
tDS
555
AA
tWC
OE
(1)
AA
80
Note 3
55
55
555
555
Note 2
AA
WORD 0
WORD 1
WORD 2
WORD 3
WORD 4
WORD 5
AAA
AAA
tWPH
tWP
CE
WE
A0-A18
DATA
tAS
tAH
tEC
tDH
tDS
555
tWC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com