Electronic Components Datasheet Search
  English  ▼

X  

BCX53 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # BCX53
Description  SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BCX53 Datasheet(HTML) 1 Page - Zetex Semiconductors

  BCX53 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 3 – FEBRUARY 1996
7
COMPLEMENTARY TYPE –
BCX51 – BCX54
BCX52 – BCX55
BCX53 – BCX56
PARTMARKING DETAILS –
BCX51
– AA
BCX52
– AE
BCX53
– AH
BCX51-10 – AC
BCX52-10 – AG
BCX53-10 – AK
BCX51-16 – AD
BCX52-16 – AM
BCX53-16 – AL
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
BCX51
BCX52
BCX53
UNIT
Collector-Base Voltage
VCBO
-45
-60
-100
V
Collector-Emitter Voltage
VCEO
-45
-60
-80
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-1.5
A
Continuous Collector Current
IC
-1
A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
BCX53
Breakdown
BCX52
Voltage
BCX51
V(BR)CBO
-100
-60
-45
V
V
V
IC =-100µA
IC =-100µA
IC =-100µA
Collector-Emitter BCX53
Breakdown
BCX52
Voltage
BCX51
V(BR)CEO
-80
-60
-45
VIC =-10mA*
IC =-10mA*
IC =-10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE =-10µA
Collector Cut-Off Current
ICBO
-0.1
-20
µA
µA
VCB =-30V
VCB =-30V, Tamb =150°C
Emitter Cut-Off Current
IEBO
-20
nA
VEB =-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.5
V
IC =-500mA, IB =-50mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-1.0
V
IC =-500mA, VCE =-2V*
Static Forward Current
Transfer Ratio
hFE
-10
-16
25
40
25
63
100
250
160
250
IC =-5mA, VCE =-2V*
IC =-150mA, VCE =-2V*
IC =-500mA, VCE =-2V*
IC =-150mA, VCE =-2V*
IC =-150mA, VCE =-2V*
Transition Frequency
fT
150
MHz
IC =-50mA, VCE =-10V,
f=100MHz
Output Capacitance
Cobo
25
pF
VCB =-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
BCX51
BCX52
BCX53
C
C
B
E
SOT89
3 - 34


Similar Part No. - BCX53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX53 PHILIPS-BCX53 Datasheet
42Kb / 8P
PNP medium power transistors
1999 Apr 19
logo
Siemens Semiconductor G...
BCX53 SIEMENS-BCX53 Datasheet
146Kb / 5P
PNP Silicon AF Transistors
logo
Central Semiconductor C...
BCX53 CENTRAL-BCX53 Datasheet
103Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Infineon Technologies A...
BCX53 INFINEON-BCX53 Datasheet
141Kb / 5P
PNP Silicon AF Transistors
Feb-10-2004
logo
Guangdong Kexin Industr...
BCX53 KEXIN-BCX53 Datasheet
53Kb / 2P
PNP Medium Power Transistors
More results

Similar Description - BCX53

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCX54 ZETEX-BCX54 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR31 ZETEX-BSR31 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BSR41 ZETEX-BSR41 Datasheet
16Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FCX589 DIODES-FCX589 Datasheet
33Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM
OCTOBER 1995
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM
NOVEMBER 1995
BCX51 DIODES-BCX51 Datasheet
132Kb / 7P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Rev 2
logo
List of Unclassifed Man...
BSR43TA ETC2-BSR43TA Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCX69 DIODES-BCX69_15 Datasheet
22Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FEBRUARY 1995
BSR30 DIODES-BSR30 Datasheet
26Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
JUNE 1996
BSR31 DIODES-BSR31 Datasheet
27Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com