Electronic Components Datasheet Search
  English  ▼

X  

MDDDB151 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # MDDDB151
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

MDDDB151 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  MDDDB151 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd MDDDB151 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB151 THRU DB157
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
Voltage Range - 50 to 1000 Volts
Current - 1.5 Ampere
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
Weight:0.02 ounce, 0.4 grams
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
-55 to +150
-55 to +150
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
MDD
DB151
1.5
Ratings at 25* ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, For capacitive load derate current by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
IF(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=40¡ãC
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage drop
per birdge element at 1.5A
Maximum DC reverse current
TA=25¡ãC
at rated DC blocking voltage
TA=125¡ãC
Operating temperature range
storage temperature range
TJ
TSTG
IR
VF
A
µ
1.1
MDD
DB152
MDD
DB153
MDD
DB154
MDD
DB155
MDD
DB156
MDD
DB157
50
10
500
A
µ
MDD Catalog Number
C
C
Dimensions in inches and (millimeters)
DB
0.255(6.5)
0.245(6.2)
+
0.350(8.9)
0.300(7.6)
0.335(8.51)
0.325(8.10)
0.185(4.69)
0.150(3.81)
0.060
(1.5)
0.205(5.2)
0.195(5.0)
0.135(3.4)
0.115(2.9)
0.020(.51)
0.016(.41)
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ideal for printed circuit boards
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,5 lbs. (2.3kg) tension
NOTES:
1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.Unit mounted on P.C. board with 0.51” x 0.51”(13x13mm) copper pads.


Similar Part No. - MDDDB151

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
MDDDB151S CHENDA-MDDDB151S Datasheet
79Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 1.5 Ampere
More results

Similar Description - MDDDB151

ManufacturerPart #DatasheetDescription
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
GBPC35005 NJSEMI-GBPC35005 Datasheet
165Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
Single Phase Glass Passivated Bridge Rectifiers
logo
Microdiode Semiconducto...
AB34S CHENDA-AB34S_V01 Datasheet
464Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
DF05S CHENDA-DF05S_V01 Datasheet
592Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
KBP2005 CHENDA-KBP2005_V01 Datasheet
559Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
MB2M CHENDA-MB2M_V01 Datasheet
556Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com