Electronic Components Datasheet Search
  English  ▼

X  

AD1938WBSTZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD1938WBSTZ
Description  4 ADC/8 DAC with PLL
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1938WBSTZ Datasheet(HTML) 2 Page - Analog Devices

  AD1938WBSTZ Datasheet HTML 1Page - Analog Devices AD1938WBSTZ Datasheet HTML 2Page - Analog Devices AD1938WBSTZ Datasheet HTML 3Page - Analog Devices AD1938WBSTZ Datasheet HTML 4Page - Analog Devices AD1938WBSTZ Datasheet HTML 5Page - Analog Devices AD1938WBSTZ Datasheet HTML 6Page - Analog Devices AD1938WBSTZ Datasheet HTML 7Page - Analog Devices AD1938WBSTZ Datasheet HTML 8Page - Analog Devices AD1938WBSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
AD1938* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
EVALUATION KITS
• AD1938 Evaluation Board
• ADUSB2EBZ Evaluation Board
DOCUMENTATION
Application Notes
• AN-1006: Using the EVAL-ADUSB2EBZ
• AN-1365: AD1933/AD1934/AD1938/AD1939/AD1974
Boot Up Application
Data Sheet
• AD1938: 4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Data Sheet
User Guides
• UG-045: Evaluating the AD1938 Four ADC/Eight DAC with
PLL 192 kHz, 24-Bit Codec
• UG-087: Evaluating the AD1940 SigmaDSP Using the
EVAL-AD1940MINIBZ
SOFTWARE AND SYSTEMS REQUIREMENTS
• Automated Register Window Builder
TOOLS AND SIMULATIONS
• AD1938 IBIS Model
REFERENCE MATERIALS
Technical Articles
• Benchmarking Integrated Audio: Why CPU Usage Alone
No Longer Predicts User Experience
DESIGN RESOURCES
• AD1938 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD1938 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com