Electronic Components Datasheet Search
  English  ▼

X  

AD7314 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7314
Description  10-Bit Digital Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7314 Datasheet(HTML) 4 Page - Analog Devices

  AD7314 Datasheet HTML 1Page - Analog Devices AD7314 Datasheet HTML 2Page - Analog Devices AD7314 Datasheet HTML 3Page - Analog Devices AD7314 Datasheet HTML 4Page - Analog Devices AD7314 Datasheet HTML 5Page - Analog Devices AD7314 Datasheet HTML 6Page - Analog Devices AD7314 Datasheet HTML 7Page - Analog Devices AD7314 Datasheet HTML 8Page - Analog Devices AD7314 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
REV. A
AD7314
–3–
ABSOLUTE MAXIMUM RATINGS
1
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range . . . . . . . . . . . –35
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
MSOP Package, Power Dissipation . . . . . . . . . . . . . . 450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 206°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
Latch-Up for ID Pin
2 . . . . . . . . . . . . . . . . . . . . . . . .
≤ –70 mA
Latch-Up for All Other Pins . . . . . . . . . . . . . . . . .
≥ –110 mA
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Correct usage of the ID pin will prevent any latch-up from occurring. In an
application, the ID pin should be either tied to VDD via a 100 k
Ω resistor or left open
circuit. If the application complies with this recommendation, the ID pin will never
see –70 mA.
200 AIOL
1.6V
200 AIOH
CL
50pF
TO
OUTPUT
PIN
Figure 2. Load Circuit for Data Access Time and Bus
Relinquish Time
CE
SCLK
SDO
SDI
t1
t2
t7
t3
t4
t6
t5
t8
Figure 1. Timing Diagram
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7314 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Temperature
Package
Package
Model
Range
Error
Description
Option
Branding
AD7314ARM
–35
°C to +85°C
±2°C
8-Lead MSOP
RM-8
CKA
AD7314ARM-REEL
–35
°C to +85°C
±2°C
8-Lead MSOP
RM-8
CKA
AD7314ARM-REEL7
–35
°C to +85°C
±2°C
8-Lead MSOP
RM-8
CKA
AD7314ARMZ
*
–35
°C to +85°C
±2°C
8-Lead MSOP
RM-8
CKA
AD7314ARMZ-REEL
*
–35
°C to +85°C
±2°C
8-Lead MSOP
RM-8
CKA
AD7314ARMZ-REEL7
* –35
°C to +85°C
±2°C
8-Lead MSOP
RM-8
CKA
*Z = Lead Free.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com