Electronic Components Datasheet Search
  English  ▼

X  

ADT7408 Datasheet(PDF) 16 Page - Analog Devices

Part # ADT7408
Description  12-Bit Digital Temperature Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7408 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADT7408 Datasheet HTML 12Page - Analog Devices ADT7408 Datasheet HTML 13Page - Analog Devices ADT7408 Datasheet HTML 14Page - Analog Devices ADT7408 Datasheet HTML 15Page - Analog Devices ADT7408 Datasheet HTML 16Page - Analog Devices ADT7408 Datasheet HTML 17Page - Analog Devices ADT7408 Datasheet HTML 18Page - Analog Devices ADT7408 Datasheet HTML 19Page - Analog Devices ADT7408 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Data Sheet
ADT7408
Rev. A | Page 15 of 22
TEMPERATURE DATA FORMAT
The values used in the temperature register and three temperature
trip point registers are in twos complement format. The
temperature register has a 12-bit resolution with 256°C range
with 1 LSB = 0.0625°C (256°C/212); see Table 10. The temperature
data in the three temperature trip point registers (alarm upper,
alarm lower, and critical) is a 10-bit format with 256°C range
with 1 LSB = 0.25°C (see the bit maps in the Alarm Temperature
Lower Boundary Trip Register (Read/Write) section, the Critical
Temperature Trip Register (Read/Write) section, and the
Temperature Value Register (Read Only) section.) Bit D12 in all
these registers represents the sign bit such that 0 = positive
temperature and 1 = negative temperature. In twos complement
format, the data bits are inverted and add 1 if Bit D12 (the sign bit)
is negative.
Temperature Conversion Formulas
12-Bit Temperature Data Format
Positive Temperature = ADC Code(d)/16
(1)
Negative Temperature = (ADC Code(d) − 4096)/16
(2)
where d is the 12-bit digital output in decimal.
Note that Bit D12 (the sign bit) is not included in the ADC
code, but the sign is inserted in the final result.
Table 10 tabulates some temperature results vs. digital outputs.
10-Bit Temperature Data Format
Positive Temperature = ADC Code(d)/4
(3)
Negative Temperature = (ADC Code(d) − 1024)/4
(4)
Similarly, Bit D12 (the sign bit) is not included in the ADC
code, but the sign is inserted in the final result. This ADC code
contains DB2 to DB11. DB0 to DB1 are not in this calculation.
Although one LSB of the ADC corresponds to 0.0625°C, the
ADC can theoretically measure a temperature range of 255°C
(−128°C to +127°C). The ADT7408 is guaranteed to measure a
low value temperature limit of −55°C to a high value temperature
limit of +125°C.
Reading back the temperature from the temperature value
register requires a 2-byte read.
Designers accustomed to using a 9-bit temperature data format
can still use the ADT7408 by ignoring the last three LSBs of the
12-bit temperature value.
Table 10. 12-Bit Temperature Data Format
Digital Output (Binary),
D12 to D0
Digital Output (Hex)
Temperature
1 1100 1001 0000
C90
−55°C
1 1100 1110 0000
CE0
−50°C
1 1110 0110 1111
E6F
−25°C
1 1111 1111 1111
FFF
−0.0625°C
0 0000 0000 0000
000
0°C
0 0000 0000 0001
0x001
+0.0625°C
0 0000 1010 0000
0x0A0
+10°C
0 0001 1001 0000
0x190
+25°C
0 0011 0010 0000
0x320
+50°C
0 0100 1011 0000
0x4B0
+75°C
0 0110 0100 0000
0x640
+100°C
0 0111 1101 0000
0x7D0
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com