Electronic Components Datasheet Search
  English  ▼

X  

CD74HC273 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC273
Description  High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC273 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC273 Datasheet HTML 1Page - Texas Instruments CD74HC273 Datasheet HTML 2Page - Texas Instruments CD74HC273 Datasheet HTML 3Page - Texas Instruments CD74HC273 Datasheet HTML 4Page - Texas Instruments CD74HC273 Datasheet HTML 5Page - Texas Instruments CD74HC273 Datasheet HTML 6Page - Texas Instruments CD74HC273 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS174B
Features
• Common Clock and Asynchronous Master Reset
• Positive Edge Triggering
• Buffered Inputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC273 and ’HCT273 high speed octal D-Type flip-flops
with a direct clear input are manufactured with silicon-gate
CMOS technology. They possess the low power consumption
of standard CMOS integrated circuits.
Information at the D inputis transferred to the Q outputs on
the positive-going edge of the clock pulse. All eight flip-flops
are controlled by a common clock (CP) and a common reset
(MR). Resetting is accomplished by a low voltage level
independent of the clock. All eight Q outputs are reset to a
logic 0.
Pinout
CD54HC273, CD54HCT273
(CERDIP)
CD74HC273, CD74HCT273
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54HC273F3A
-55 to 125
20 Ld CERDIP
CD74HC273E
-55 to 125
20 Ld PDIP
CD74HC273M
-55 to 125
20 Ld SOIC
CD74HC273M96
-55 to 125
20 Ld SOIC
CD54HCT273F3A
-55 to 125
20 Ld CERDIP
CD74HCT273E
-55 to 125
20 Ld PDIP
CD74HCT273M
-55 to 125
20 Ld SOIC
CD74HCT273M96
-55 to 125
20 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
MR
Q0
D0
D1
Q1
Q2
D3
D2
Q3
GND
VCC
D7
D6
Q6
Q7
Q5
D5
D4
Q4
CP
February 1998 - Revised May 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC273, CD74HC273,
CD54HCT273, CD74HCT273
High-Speed CMOS Logic
Octal D-Type Flip-Flop with Reset
[ /Title
(CD74
HC273
,
CD74
HCT27
3)
/Sub-
ject
(High
Speed
CMOS
Logic
Octal
D-
Type
Flip-


Similar Part No. - CD74HC273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC273 TI-CD74HC273 Datasheet
54Kb / 8P
High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD74HC273 TI2-CD74HC273 Datasheet
1Mb / 23P
CDx4HC(T)273 High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
REVISED JANUARY 2022
CD74HC273E TI-CD74HC273E Datasheet
54Kb / 8P
High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD74HC273E TI1-CD74HC273E Datasheet
858Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD74HC273E TI2-CD74HC273E Datasheet
1Mb / 23P
CDx4HC(T)273 High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
REVISED JANUARY 2022
More results

Similar Description - CD74HC273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC174 TI-CD74HC174 Datasheet
53Kb / 7P
High Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD74HC175 TI-CD74HC175 Datasheet
55Kb / 7P
High Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD74HC273 TI-CD74HC273 Datasheet
54Kb / 8P
High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC174 TI-CD54HC174 Datasheet
277Kb / 12P
High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175 Datasheet
278Kb / 12P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175_07 Datasheet
422Kb / 14P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC174 TI-CD54HC174_08 Datasheet
422Kb / 14P
High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD54HC175 TI-CD54HC175_08 Datasheet
562Kb / 15P
High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC273 TI1-CD54HC273_16 Datasheet
858Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC377 TI1-CD54HC377_16 Datasheet
951Kb / 19P
High-Speed CMOS Logic Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com