Electronic Components Datasheet Search
  English  ▼

X  

OV9762 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV9762
Description  PC Multimedia
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9762 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV9762 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9762 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OV9762 HDproductbrief
lead free
available in
a lead-free
package
Best-In-Class 720p High Definition Video
For Front-Facing Cameras in Smartphones and Tablets
The OV9762 is a high performance CameraChip™
sensor designed specifically for front-facing camera
applications in smartphones and tablets. The OV9762
leverages OmniVision's first 1.87-micron OmniBSI-2™
pixel to deliver improved performance and best-in-class
720p high definition (HD) video at 30 frames per second
(fps).
The sensor's slightly larger 1.87-micron pixel enables
enhanced image and video quality in a compact package
that is pin-to-pin compatible with the previous-
generation OV9760 CameraChip sensor.
The OV9762 can record 1.3-megapixel
(1376 x 960 pixels) video at 30 fps, or best-in-class
720p HD video at 30 fps with electronic image
stabilization (EIS). When binned to VGA resolution
(640 x 480 pixels) video, the sensor delivers twice the
sensitivity compared to full resolution, ensuring high
quality video capture in difficult low-light conditions.
The OV9762 fits into a 4.3 x 4.1 mm package.
Find out more at www.ovt.com.


Similar Part No. - OV9762

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9760 OMNIVISION-OV9760 Datasheet
610Kb / 2P
automatic black level calibration (ABLC)
More results

Similar Description - OV9762

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ12X51 SHARP-LQ12X51 Datasheet
85Kb / 1P
Color TFT- LCD Module for OA/Multimedia(Notebook PC)
logo
Infineon Technologies A...
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
Multimedia Platform?
2004
logo
PhaseLink Corporation
PL603-27 PLL-PL603-27 Datasheet
236Kb / 7P
Multimedia Clocks
logo
Freescale Semiconductor...
MCIMX27VOP4A FREESCALE-MCIMX27VOP4A Datasheet
972Kb / 122P
Multimedia Applications
logo
Texas Instruments
OMAP4430 TI1-OMAP4430 Datasheet
7Mb / 443P
Multimedia Device
OMAP4460 TI1-OMAP4460 Datasheet
7Mb / 444P
Multimedia Device
OMAPL137-HT TI1-OMAPL137-HT Datasheet
7Mb / 444P
Multimedia Device
logo
Generalplus Technology ...
GP326813A GENERALPLUS-GP326813A Datasheet
1Mb / 21P
Multimedia Processor
GP326823A GENERALPLUS-GP326823A Datasheet
1Mb / 21P
Multimedia Processor
logo
Renesas Technology Corp
HA5013 RENESAS-HA5013 Datasheet
380Kb / 14P
PC Add-On Multimedia Boards
November 2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com