Electronic Components Datasheet Search
  English  ▼

X  

COP822CJ Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP822CJ
Description  8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP822CJ Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button COP822CJ Datasheet HTML 9Page - National Semiconductor (TI) COP822CJ Datasheet HTML 10Page - National Semiconductor (TI) COP822CJ Datasheet HTML 11Page - National Semiconductor (TI) COP822CJ Datasheet HTML 12Page - National Semiconductor (TI) COP822CJ Datasheet HTML 13Page - National Semiconductor (TI) COP822CJ Datasheet HTML 14Page - National Semiconductor (TI) COP822CJ Datasheet HTML 15Page - National Semiconductor (TI) COP822CJ Datasheet HTML 16Page - National Semiconductor (TI) COP822CJ Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TimerCounter (Continued)
MODE 3 TIMER WITH CAPTURE REGISTER
Timer T1 can be used to precisely measure external fre-
quencies or events in this mode of operation The timer T1
counts down at the instruction cycle rate Upon the occur-
rence of a specified edge on the TIO pin the contents of the
timer T1 are copied into the register R1 Bits in the control
register CNTRL allow the trigger edge to be specified either
as a positive edge or as a negative edge In this mode the
user can elect to be interrupted on the specified trigger
edge
(Figure 10)
TLDD11208 – 25
FIGURE 10 Timer Capture Mode Block Diagram
TIMER PWM APPLICATION
Figure 11 shows how a minimal component DA converter
can be built out of the Timer-Register pair in the Auto-Re-
load mode The timer is placed in the ‘‘Timer with auto re-
load’’ mode and the TIO pin is selected as the timer output
At the outset the TIO pin is set high the timer T1 holds the
on time and the register R1 holds the signal off time Setting
TRUN bit starts the timer which counts down at the instruc-
tion cycle rate The underflow toggles the TIO output and
copies the off time into the timer which continues to run By
alternately loading in the on time and the off time at each
successive interrupt a PWM frequency can be easily gener-
ated
TLDD11208 – 26
FIGURE 11 Timer Application
Watchdog
The device has an on-board 8-bit WATCHDOG timer The
timer contains an 8-bit READWRITE down counter clocked
by an 8-bit prescaler Under software control the timer can
be dedicated for the WATCHDOG or used as a general pur-
pose counter
Figure 12 shows the WATCHDOG timer block
diagram
MODE 1 WATCHDOG TIMER
The WATCHDOG is designed to detect user programs get-
ting stuck in infinite loops resulting in loss of program con-
trol or ‘‘runaway’’ programs The WATCHDOG can be en-
abled or disabled (only once) after the device is reset as a
result of brown out reset or external reset On power-up the
WATCHDOG is disabled The WATCHDOG is enabled by
writing a ‘‘1’’ to WDREN bit (resides in WDREG register)
Once enabled the user program should write periodically
into the 8-bit counter before the counter underflows The
8-bit counter (WDCNT) is memory mapped at address 0CE
Hex The counter is loaded with n-1 to get n counts The
counter underflow resets the device but does not disable
the WATCHDOG Loading the 8-bit counter initializes the
prescaler with FF Hex and starts the prescalercounter
Prescaler and counter are stopped upon counter underflow
Prescaler and counter are each loaded with FF Hex when
the device goes into the HALT mode The prescaler is used
for crystalresonator start-up when the device exits the
HALT mode through Multi-Input Wakeup In this case the
prescalercounter contents are changed
MODE 2 TIMER
In this mode the prescalercounter is used as a timer by
keeping the WDREN (WATCHDOG reset enable) bit at 0
The counter underflow sets the WDUDF (underflow) bit and
the underflow does not reset the device Loading the 8-bit
counter (load n-1 for n counts) sets the WDTEN bit
(WATCHDOG Timer Enable) to ‘‘1’’ loads the prescaler
with FF and starts the timer The counter underflow stops
the timer The WDTEN bit serves as a start bit for the
WATCHDOG timer This bit is set when the 8-bit counter is
loaded by the user program The load could be as a result of
WATCHDOG service (WATCHDOG timer dedicated for
WATCHDOG function) or write to the counter (WATCHDOG
timer used as a general purpose counter) The bit is cleared
upon Brown Out reset WATCHDOG reset or external reset
The bit is not memory mapped and is transparent to the
user program
TABLE VI WATCHDOG ControlStatus
HALT
WD
EXTBOR
Counter
Parameter
Mode
Reset
Reset
Load
(Note 1)
8-Bit Prescaler
FF
FF
FF
FF
8-Bit WD Counter
FF
FF
FF
User Value
WDREN Bit
Unchanged
Unchanged
0
No Effect
WDUDF Bit
0
Unchanged
0
0
WDTEN Signal
Unchanged
0
0
1
Note 1
BOR is Brown Out Reset
http
www nationalcom
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com