Electronic Components Datasheet Search
  English  ▼

X  

REC15-S Datasheet(PDF) 6 Page - Recom International Power

Part # REC15-S
Description  15 Watt DIP24 Metal Case Single and Dual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-S Datasheet(HTML) 6 Page - Recom International Power

  REC15-S Datasheet HTML 1Page - Recom International Power REC15-S Datasheet HTML 2Page - Recom International Power REC15-S Datasheet HTML 3Page - Recom International Power REC15-S Datasheet HTML 4Page - Recom International Power REC15-S Datasheet HTML 5Page - Recom International Power REC15-S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
PCB
Potting
nickel plated metal, (UL94 V-2)
FR4 (UL94-V-1)
epoxy (UL94 V-0)
Package Dimension (LxWxH)
50.8 x 25.4 x 10.2mm
Package Weight
27g typ.
REC15-S_D(Z)/M
Series
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
DC/DC Converter
ECO-6
REV.: 0/2017
www.recom-power.com
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
tube
276.0 x 54.5 x 21.0mm
Packaging Quantity
10pcs
Storage Temperature Range
-55°C to +105°C
Storage Humidity
95% RH max.
Dimension Drawing DIP24 metal case (mm)
1
3
4
5
2
6
25.4
Ø 1.00
1.3Ø +0.15/-0
2.54
20.32
15.24
15.24
10.16
10.16
20.32
50.8
Bottom View
Top View
Recommended Footprint Details
Pin Connection
Pin #
Single
Dual
Single /X2
Dual /X2
1
+Vin
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
-Vin
3
+Vout
+Vout
+Vout
+Vout
4
No Pin
Com
No Pin
Com
5
-Vout
-Vout
-Vout
-Vout
6
CTRL
CTRL
No Pin
No Pin
Tolerance: xx.x= ±0.5mm
xx.xx= ±0.35mm
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com